Electronic Components Datasheet Search
  English  ▼

X  

PAM2310 Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # PAM2310
Description  2A Low Noise Step-Down DC-DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2310 Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  PAM2310 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2310 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2310 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2310 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2310 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2310 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2310 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2310 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2310 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Features
Applications
Description
n
n
n
n
n
Output Current: Up to 2A
Output Voltage: 0.6V to V
Input Voltage: 2.7V to 5.5V
Peak Efficiency up to 95%
42 A (Typ) No Load Quiescent Current
Shutdown Current: <1 A
100% Duty Cycle Operation
1.5MHz Switching Frequency
Internal Soft Start
No external Compensation Required
Current Limit Protection
Thermal Shutdown
SOP-8 Package
5V or 3.3V Point of Load Conversion
Telecom/Networking Equipment
Set Top Boxes
Storage Equipment
Video Cards
DDR Power Supply
T h e PA M 2 3 1 0 i s a 2 A s t e p - d o w n D C - D C
converter. At heavy load, the constant-frequency
PWM control performs excellent stability and
transient response. No external compensation
components are required
The PAM2310 supports a range of input voltages
from 2.7V to 5.5V, allowing the use of a single
L i + / L i - p o l y m e r c e l l , m u l t i p l e A l k a l i n e / N i M H
cell,and other standard power sources. The
output voltage is adjustable from 0.6V to the input
voltage. The PAM2310 employs internal power
switch and synchronous rectifier to minimize
external part count and realize high efficiency.
During shutdown, the input is disconnected from
the output and the shutdown current is less than
1 A. Other key features include over-temperature
and short circuit protection, and under-voltage
lockout to prevent deep battery discharge.
The PAM2310 delivers 2A maximum output
current while consuming only 42 A of no-load
quiescent current. Ultra-low RDS(ON) integrated
MOSFETs and 100% duty cycle operation make
the PAM2310 an ideal choice for high output
voltage, high current applications which require a
low dropout threshold.
The PAM2310 is available in SOP-8 package.
IN
n
n
n
n
n
n
n
n
μ
μ
μ
μ
n
n
n
n
n
n
.
Typical Application
1
www.poweranalog.com
05/2011 Rev1.0
,
Power Analog Microelectronics Inc
PAM2310
2A Low Noise Step-Down DC-DC Converter
1
0.6
1
2
O
R
V
R
=
 +
(5)FB
GND (4)
(3)SW
EN(7)
VIN (2)
N C(1,6,8)
PAM2310
0
CI N
22uF
Cfw
100p
Co
22uF
VIN
0
L
R1
R2
0
0
V O


Similar Part No. - PAM2310

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2310 DIODES-PAM2310 Datasheet
561Kb / 11P
2A LOW NOISE STEP-DOWN DC-DC CONVERTER
Rev 2
PAM2310 DIODES-PAM2310 Datasheet
571Kb / 11P
2A LOW NOISE STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 April 2020
PAM2310BECADJR DIODES-PAM2310BECADJR Datasheet
561Kb / 11P
2A LOW NOISE STEP-DOWN DC-DC CONVERTER
Rev 2
PAM2310BECADJR DIODES-PAM2310BECADJR Datasheet
571Kb / 11P
2A LOW NOISE STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 April 2020
PAM2310 DIODES-PAM2310_V01 Datasheet
571Kb / 11P
2A LOW NOISE STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 April 2020
More results

Similar Description - PAM2310

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT7301 AAT-AAT7301 Datasheet
554Kb / 11P
2A 15V STEP-DOWN DC-DC CONVERTER
October 2007 Version 1.00
logo
Holtek Semiconductor In...
HT7465 HOLTEK-HT7465 Datasheet
1Mb / 11P
2A Step-Down DC to DC Converter
September 02, 2011
logo
ACE Technology Co., LTD...
ACE722 ACE-ACE722 Datasheet
535Kb / 8P
2A Step-down DC-DC Converter
VER 1.6
logo
Active-Semi, Inc
ACT2102 ACTIVE-SEMI-ACT2102 Datasheet
707Kb / 16P
18V/2A Step-Down DC/DC Converter
Rev 2, 23-May-12
ACT4060B ACTIVE-SEMI-ACT4060B Datasheet
705Kb / 16P
18V/2A Step-Down DC/DC Converter
Rev 1, 23-May-12
logo
ELM Electronics
ELM605DA ELM-ELM605DA Datasheet
827Kb / 13P
2A synchronous step-down DC/DC converter
logo
Diodes Incorporated
AP3419 DIODES-AP3419 Datasheet
471Kb / 9P
2A STEP-DOWN DC-DC BUCK CONVERTER
Rev 3
PAM2310 DIODES-PAM2310 Datasheet
561Kb / 11P
2A LOW NOISE STEP-DOWN DC-DC CONVERTER
Rev 2
logo
ARTSCHIP ELECTRONICS CO...
MPS1410 ARTSCHIP-MPS1410 Datasheet
350Kb / 7P
2A Step Down DC/DC Converter
logo
Diodes Incorporated
PAM2310 DIODES-PAM2310_V01 Datasheet
571Kb / 11P
2A LOW NOISE STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 April 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com