Electronic Components Datasheet Search
  English  ▼

X  

PAM3101 Datasheet(PDF) 19 Page - Power Analog Micoelectronics

Part # PAM3101
Description  300mA High PSRR Low Dropout CMOS Linear Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3101 Datasheet(HTML) 19 Page - Power Analog Micoelectronics

Back Button PAM3101_13 Datasheet HTML 15Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 16Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 17Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 18Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 19Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 20Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 21Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 22Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 23Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Ordering Information(continued)
19
Power Analog Microelectronics, Inc
www.poweranalog.com
Part Number
Output Voltage
Marking
Package Type
Shipping Package
PAM3101BAB475
4.75V
AATYW
SOT23-5
3,000Units/Tape&Reel
PAM3101BAB400
4.0V
AAMYW
SOT23-5
3,000Units/Tape&Reel
PAM3101BAB380
3.8V
AAOYW
SOT23-5
3,000Units/Tape&Reel
PAM3101BAB330
3.3V
AAKYW
SOT23-5
3,000Units/Tape&Reel
PAM3101BAB310
3.1V
AAPYW
SOT23-5
3,000Units/Tape&Reel
PAM3101BAB300
3.0V
AAJYW
SOT23-5
3,000Units/Tape&Reel
PAM3101BAB290
2.9V
AAQYW
SOT23-5
3,000Units/Tape&Reel
PAM3101BAB285
2.85V
AAIYW
SOT23-5
3,000Units/Tape&Reel
PAM3101BAB280
2.8V
AAHYW
SOT23-5
3,000Units/Tape&Reel
PAM3101BAB250
2.5V
AAGYW
SOT23-5
3,000Units/Tape&Reel
PAM3101BAB200
2.0V
AAFYW
SOT23-5
3,000Units/Tape&Reel
PAM3101BAB180
1.8V
AAEYW
SOT23-5
3,000Units/Tape&Reel
PAM3101BAB150
1.5V
AACYW
SOT23-5
3,000Units/Tape&Reel
PAM3101FKF475
4.75V
AATYW
DFN1.6x1.6
3,000Units/Tape&Reel
PAM3101FKF400
4.0V
AAMYW
DFN1.6x1.6
3,000Units/Tape&Reel
PAM3101FKF380
3.8V
AAOYW
DFN1.6x1.6
3,000Units/Tape&Reel
PAM3101FKF330
3.3V
AAKYW
DFN1.6x1.6
3,000Units/Tape&Reel
PAM3101FKF310
3.1V
AAPYW
DFN1.6x1.6
3,000Units/Tape&Reel
PAM3101FKF300
3.0V
AAJYW
DFN1.6x1.6
3,000Units/Tape&Reel
PAM3101FKF290
2.9V
AAQYW
DFN1.6x1.6
3,000Units/Tape&Reel
PAM3101FKF285
2.85V
AAIYW
DFN1.6x1.6
3,000Units/Tape&Reel
PAM3101FKF280
2.8V
AAHYW
DFN1.6x1.6
3,000Units/Tape&Reel
PAM3101FKF250
2.5V
AAGYW
DFN1.6x1.6
3,000Units/Tape&Reel
PAM3101FKF200
2.0V
AAFYW
DFN1.6x1.6
3,000Units/Tape&Reel
PAM3101FKF180
1.8V
AAEYW
DFN1.6x1.6
3,000Units/Tape&Reel
PAM3101FKF150
1.5V
AACYW
DFN1.6x1.6
3,000Units/Tape&Reel
PAM3101
300mA High PSRR Low Dropout CMOS Linear Regulator
11/2010 Rev 2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com