Electronic Components Datasheet Search
  English  ▼

X  

PAM3101 Datasheet(PDF) 10 Page - Power Analog Micoelectronics

Part # PAM3101
Description  300mA High PSRR Low Dropout CMOS Linear Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3101 Datasheet(HTML) 10 Page - Power Analog Micoelectronics

Back Button PAM3101_13 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 9Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 10Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 11Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 12Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 13Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 14Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Typical Performance Characteristics
10
11. Line Transient Response
V
IN
DC
Coupling
V
O
AC
Coupling
Vo=2.5V,
=3V to 5V,Io=1mA
V
IN
9. Power Supply Ripple Rejection
Vo=2.5V, V =4V, Vpp=1V
IN
AudioPrecision
12/28/0617:44:10
shanghai PSRR-3test.at1
Color
Sweep Trace
LineStyle Thick Data
Axis Comment
1
1
Green
Solid
1
Anlr.Crosstalk Left
2
1
Yellow
Solid
1
Anlr.Crosstalk Left
3
1
Red
Solid
1
Anlr.Crosstalk Left
4
1
Magenta Solid
1
Anlr.Crosstalk Left
-100
+0
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
10
100k
20
50
100
200
500
1k
2k
5k
10k
20k
50k
Hz
T
T
Io=1mA
Io=300mA
Io=100mA
Vo=2.5V, V =4V, Vpp=1V, C
=10nF
IN
BYP
Audio Precision
12/28/06 17:15:08
-100
+0
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
10
100k
20
50
100
200
500
1k
2k
5k
10k
20k
50k
Hz
TT TT T
T
Io=1mA
Io=300mA
Io=100mA
10. Load Transient Response
Vo=2.5V,
=3.3V, Io=1mA to 300mA
V
IN
Io
DC
Coupling
Vo
AC
Coupling
AudioPrecision
01/22/0714:03:16
shanghai PSRR-3test.at1
Color
Sweep Trace
LineStyle Thick Data
Axis Comment
1
1
Red
Solid
2
Anlr.Crosstalk Left
2
1
Magenta Solid
2
Anlr.Crosstalk Left
3
1
Blue
Solid
2
Anlr.Crosstalk Left
-100
+0
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
10
100k
20
50
100
200
500
1k
2k
5k
10k
20k
50k
Hz
T TT
Io=1mA
Io=300mA
Io=100mA
Vo=1.8V, V =4V, Vpp=1V, C
=10nF
IN
BYP
Power Analog Microelectronics, Inc
www.poweranalog.com
PAM3101
300mA High PSRR Low Dropout CMOS Linear Regulator
PSRR with bypass,
cap=10nF
PSRR without
bypass cap
-60
-50
-40
-30
-20
-10
0
20
40
60
80
100
120
140
160
180
200
220
V-dropout (mV)
12. PSRR vs V-dropout@Vout=3.28V
11/2010 Rev 2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com