Electronic Components Datasheet Search
  English  ▼

X  

PAM3116 Datasheet(PDF) 4 Page - Power Analog Micoelectronics

Part # PAM3116
Description  1.5A Low Dropout Voltage CMOS Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3116 Datasheet(HTML) 4 Page - Power Analog Micoelectronics

  PAM3116 Datasheet HTML 1Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Electrical Characteristic
4
www.poweranalog.com
,
Power Analog Microelectronics Inc
PAM3116
V =V +1V, T =25°C, C =4.7 F, C =4.7 F, unless otherwise noted.
IN
O
A
IN
O
μ
μ
1.5A Low Dropout Voltage CMOS Regulator
10/2011 Rev1.0
PARAMETER
SYMBOL
Test Conditions
MIN
TYP
MAX
UNITS
Input Voltage
VIN
2.5
6.0
V
Output Voltage Range
VO
0.8
5
V
ADJ Reference Voltage
VREF
IO=1mA
0.788
0.8
0.812
V
Output Voltage Accuracy
VO
IO=1mA
-1.5
1.5
%
Output Current
IO
Vo>0.8V
1500
mA
Output Current Limit
ILI M
Vo>0.8V
1500
2500
mA
Short Circuit Current
ISC
Vo=0V
700
mA
0.8V≤Vo<2.5V
1700
Dropout Voltage
Vdrop
IO =1.5A
Vo≥2.5V
300
400
mV
Quiescent Current
IQ
IO=0mA
90
150
µA
Line Regulation
LNR
IO=1mA, V IN =VO+1 to VO+2
-0.4
0.4
%/V
Load Regulation
LDR
IO=1mA to 1500mA
-1
0.2
1
%
Temperature Coeffic ient
Tc
40
ppm/
OC
Over Temperature
Shutdown
OTS
IO=1mA
150
OC
Over Temperature
Hysteresis
OTH
IO=1mA
40
OC
f=100Hz
70
dB
f=1kHz
65
dB
Power Supply Ripple
Rejection
PSRR
Io=100mA, Vo=1.2V
f=10kHz
50
dB
Output Noise
Vn
f =10Hz to 100kHz, IO= 10mA
50
µVrms
EN Input High Thres hold
VEH
VIN=2.5V to 5V
1.5
V
EN Input Low Threshold
VEL
VIN=2.5V to 5V
0.3
V
EN Input High Bias Current
IEH
VEN= 5V, VIN=5V
0.5
µA
EN Input Low Bias Current
IEL
VEN= 0V, VIN=5V
0.5
µA
Shutdown Current
ISD
VEN= 0V
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com