Electronic Components Datasheet Search
  English  ▼

X  

PAM3116 Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # PAM3116
Description  1.5A Low Dropout Voltage CMOS Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3116 Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  PAM3116 Datasheet HTML 1Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Typical Application Circuit
PAM3116
1.5A Low Dropout Voltage CMOS Regulator
1
www.poweranalog.com
10/2011 Rev1.0
,
Power Analog Microelectronics Inc
Features
n High Output Current Up to 1.5A
Standard SOP-8 Packages
Pb-Free Package
LCD TV/Monitors
Set-top Box
IPhone Charger
Communication Devices
The PAM3116 is a 1.5A CMOS LDO regulator that
features a low quiescent current and low dropout
voltages, as well as over temperature shutdown.
The PAM3116 is stable with a ceramic output
capacitor of 4.7 F or higher.
This family of regulators can provide either a
stand-alone power supply solution or act as a
post regulator for switch mode power supplies.
They are particularly suitable for applications
requiring low input and output voltages.
PAM3116 is available in SOP-8 package.
n
n
n
n
n
n
n
n
n
Output Voltage Available in ADJ(0.8V)
Stable with a Ceramic Output Capacitor
Dropout Voltage:300mV@1.5A,Vo=3.3V
Low Quiescent Current
Over Temperature Shutdown
Short Circuit Protection
Low Temperature Coefficient
Applications
General Description
n
n
n
n
μ
VIN
VOUT
VIN
VOUT
GND
EN
ADJ
PAM3116
R1
R2
C
4.7 F
μ
IN
C
O
4.7 F
μ
VOUT=0.8x(1+R1/R2)


Similar Part No. - PAM3116

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM3110 PAM-PAM3110 Datasheet
575Kb / 13P
1.5A Low Dropout Voltage CMOS Regulator
PAM3110ABA120R PAM-PAM3110ABA120R Datasheet
575Kb / 13P
1.5A Low Dropout Voltage CMOS Regulator
PAM3110ABA150R PAM-PAM3110ABA150R Datasheet
575Kb / 13P
1.5A Low Dropout Voltage CMOS Regulator
PAM3110ABA180R PAM-PAM3110ABA180R Datasheet
575Kb / 13P
1.5A Low Dropout Voltage CMOS Regulator
PAM3110ABA250R PAM-PAM3110ABA250R Datasheet
575Kb / 13P
1.5A Low Dropout Voltage CMOS Regulator
More results

Similar Description - PAM3116

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G5U2188 GTM-G5U2188 Datasheet
540Kb / 7P
1.5A CMOS Low Dropout Voltage Regulator
GL2138 GTM-GL2138 Datasheet
432Kb / 5P
1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
GL2148 GTM-GL2148 Datasheet
436Kb / 5P
1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
GSC2118 GTM-GSC2118 Datasheet
543Kb / 7P
1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
GSC2138 GTM-GSC2138 Datasheet
543Kb / 7P
1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
GSC2139 GTM-GSC2139 Datasheet
516Kb / 7P
1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
GSCLP2951 GTM-GSCLP2951 Datasheet
225Kb / 4P
1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S5J2188 SECOS-S5J2188 Datasheet
1Mb / 7P
1.5A CMOS Low Dropout Voltage Regulator
S5U2188 SECOS-S5U2188 Datasheet
1Mb / 7P
1.5A CMOS Low Dropout Voltage Regulator
logo
Power Analog Micoelectr...
PAM3110 PAM-PAM3110 Datasheet
575Kb / 13P
1.5A Low Dropout Voltage CMOS Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com