Electronic Components Datasheet Search
  English  ▼

X  

PAM8006A Datasheet(PDF) 5 Page - Power Analog Micoelectronics

Part # PAM8006A
Description  15W Stereo Class-D Audio Power Amplifier with Power Limit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8006A Datasheet(HTML) 5 Page - Power Analog Micoelectronics

  PAM8006A Datasheet HTML 1Page - Power Analog Micoelectronics PAM8006A Datasheet HTML 2Page - Power Analog Micoelectronics PAM8006A Datasheet HTML 3Page - Power Analog Micoelectronics PAM8006A Datasheet HTML 4Page - Power Analog Micoelectronics PAM8006A Datasheet HTML 5Page - Power Analog Micoelectronics PAM8006A Datasheet HTML 6Page - Power Analog Micoelectronics PAM8006A Datasheet HTML 7Page - Power Analog Micoelectronics PAM8006A Datasheet HTML 8Page - Power Analog Micoelectronics PAM8006A Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Absolute Maximum Ratings
These are stress ratings only and functional operation is not implied. Exposure to absolute
maximum ratings for prolonged time periods may affect device reliability. All voltages are with
respect to ground.
Recommended Operating Conditions
Thermal Information
5
Power Analog Microelectronics, Inc
Parameter
Package
Symbol
Maximum
Unit
Thermal Resistance
(Junction to Case)
QFN5x5-32L
θJC
5.0
Thermal Resistance
(Junction to Ambient)
QFN5x5-32L
θJA
16.1
°C/W
www.poweranalog.com
Supply Voltage VCC...........................-0.3V to 28V
Input Voltage Range V :
I
MUTE, PL............................................0V to 6.0V
SD..................................................-0.3V to VCC
RINN,RINP,LINN,LINP......................-0.3V to 6.0V
Junction Temperature Range,T ......-40°C to 125
J
Storage Temperature.....................-65
to150
Lead Temperature1,6mm(1/16 inch) from case for
5 seconds.................................................260
°C
°C
°C
°C
Supply Voltage (VCC)....... ....................8V to 18V
Low Level Input Voltage:
Input Pin Voltage..................................0V to 5.5V
High Level Input Voltage: SD..............2.0V to VCC
MUTE.
..2.0V to 5.5V
SD...................0 to 0.3V
°C
°C
......
MUTE...............0 to 0.3V
Ambient Operating Temperature......-20
to 85
The Exposed PAD must be soldered to a thermal land on the PCB.
10/2012 Rev1.0
PAM8006A
15W Stereo Class-D Audio Power Amplifier with Power Limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com