Electronic Components Datasheet Search
  English  ▼

X  

PAM8006A Datasheet(PDF) 6 Page - Power Analog Micoelectronics

Part # PAM8006A
Description  15W Stereo Class-D Audio Power Amplifier with Power Limit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8006A Datasheet(HTML) 6 Page - Power Analog Micoelectronics

Back Button PAM8006A Datasheet HTML 2Page - Power Analog Micoelectronics PAM8006A Datasheet HTML 3Page - Power Analog Micoelectronics PAM8006A Datasheet HTML 4Page - Power Analog Micoelectronics PAM8006A Datasheet HTML 5Page - Power Analog Micoelectronics PAM8006A Datasheet HTML 6Page - Power Analog Micoelectronics PAM8006A Datasheet HTML 7Page - Power Analog Micoelectronics PAM8006A Datasheet HTML 8Page - Power Analog Micoelectronics PAM8006A Datasheet HTML 9Page - Power Analog Micoelectronics PAM8006A Datasheet HTML 10Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
Power Analog Microelectronics, Inc
Electrical Characteristic
T =25
,VCC=12V,R =8Ω (unless otherwise noted)
A
L
°C
www.poweranalog.com
10/2012 Rev1.0
Parameter
Symbol
Condition
MIN
TYP
MAX
Units
THD+N=0.12%,f=1kHz,RL=8Ω
6
THD+N=1%,f=1kHz,RL=8Ω
8.5
Continuous Output Power
Po
THD+N=10%,f=1kHz,RL=8Ω
10
W
Quiescent Current
IDD
(no load)
16.5
25
mA
Supply Quiescent Current in
shutdown mode
ISD
SHUTDOWN=0V
4
10
µA
High side
210
Low side
210
Drain-source on-state
resistance
rds(on)
IO=0.5A
TJ=25℃
Total
420
mΩ
Power Supply Ripple Rejection
Ratio
PSRR
1VPP ripple, f=1kHz, Inputs
ac-coupled to ground
-65
dB
Oscillator Frequency
fOSC
300
kHz
Output Integrated Noise Floor
Vn
20Hz to 22 kHz, A-weighting
-100
dB
Crosstalk
CS
PO=3W, RL=8Ω , f=1kHz
-95
dB
Signal to Noise Ratio
SNR
Maximum output at THD+N<
0.5%, f=1kHz
90
dB
Gain
32
dB
Output offset voltage
(measured differentially)
|VOS|
INN and INP connected together
30
mV
2.5V Bias voltage
V2P5
No Load
2.5
V
Internal Analog supply Voltage
AVDD
VCC=8V to 26V
5
5.5
V
Over Temperature Shutdown
OTS
160
°C
Thermal Hysteresis
OTH
50
°C
PAM8006A
15W Stereo Class-D Audio Power Amplifier with Power Limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com