Electronic Components Datasheet Search
  English  ▼

X  

PAM8902 Datasheet(PDF) 6 Page - Power Analog Micoelectronics

Part # PAM8902
Description  30-Vpp Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8902 Datasheet(HTML) 6 Page - Power Analog Micoelectronics

Back Button PAM8902 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 10Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
0
18
2
4
6
8
10
12
14
16
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
0
18
2
4
6
8
10
12
14
16
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
0.03
10
0.05
0.1
0.2
0.5
1
2
5
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
0.03
10
0.05
0.1
0.2
0.5
1
2
5
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
PAM8902
30-Vpp Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
6
,
Power Analog Microelectronics Inc
www.poweranalog.com
Typical Operating Characteristics
T =25 C, V =4.2V,Gain=26dB,Cin=1uF,Cload=1uF, unless otherwise noted
A
DD
°
.
4. THD+N VS Frequency
3. THD+N VS Frequency
2. Total Input Power VS Output Voltage
1. Total Supply Current VS Output Voltage
5. Output Voltage RMS VS Frequency
6. Output Voltage RMS VS Frequency
0
20
40
60
80
100
120
140
160
0
2
4
6
8
10
12
Out put Voltage(V rms)
VDD= 3.6V
VDD= 4.2V
VDD= 5.5V
0
0 .1
0 .2
0 .3
0 .4
0 .5
0 .6
0
2
4
6
8
1 0
12
O u tp ut Vo lt ag e(V rm s)
VD D = 3.6 V
VD D = 4.2 V
VD D = 5.5 V
Frequency(Hz)
VDD=3.6V
VDD=4.2V
VDD=5.5V
Frequency(Hz)
VDD=3.6V
VDD=4.2V
VDD=5.5V
Frequency(Hz)
Vo=4Vrms
Vo=6Vrms
Vo=2Vrms
VDD=3.6V
Frequency(Hz)
VDD=5.5V
Vo=4Vrms
Vo=6Vrms
Vo=2Vrms
ΤΗD=1%
Vset High
ΤΗD=10%
Vset High
01/2012 Rev1.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com