Electronic Components Datasheet Search
  English  ▼

X  

PAM8902 Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # PAM8902
Description  30-Vpp Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8902 Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  PAM8902 Datasheet HTML 1Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8902 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Key Features
Applications
Available in Space Saving Packages:
n
General Description
n
n
n
n
n
n
n
n
n
n
n
n
n
n
Supply Voltage Range From 2.5 V to 5.5 V
16-ball 1.95mmx1.95mm CSP package
16-pin QFN4x4 package
16-pin QFN4x4
package.
30 Vpp Output Load Voltage From a 2.5 V
Supply
Integrated Boost Converter Generates 17.5V
Supply
Programmable softstart
Small Boost Converter Inductor
Selectable Gain of 18 dB, 22 dB, and 26 dB
Selectable Boost output voltage of 8V, 12V,
and 17.5V
Low Shutdown Current: <1uA
Build in Thermal , OCP ,OVP,Short protection
Wireless or Cellular Handsets
Por t able DVD Player
Personal Digital Assistants (PDAs )
Electronic Dictionaries
Digital Still Cameras
The PAM8902 is a mono, Class-D audio amplifier
with integrated boost convertor designed for piezo
and ceramic speakers.The PAM8902 is capable of
d r i v i n g
a
c e r a m i c / p i e z o
s p e a k e r
w i t h
30Vpp(10.6Vrms) from a 3.6V power supply.The
PAM8902's Boost converter operates at a fixed
frequency of 1.5MHz , and provides a 17.5V supply
with a minimum number of external components.
PAM8902 features an integrated audio low pass
f ilt e r th a t re je cts h ig h f re q ue n cy n o ise t h us
improving audio fidelity. And three gain modes of
18dB, 22dB and 26dB easy for using.PAM8902 also
provides thermal ,short, under and over voltage
protection.
T h e
P A M 8 9 0 2
i s
a v a i l a b l e
i n
a
1 6 - b a l l
1.95mmx1.95mm CSP package and
Typical Application Circuit
PAM8902
30-Vpp Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
1
,
Power Analog Microelectronics Inc
www.poweranalog.com
01/2012 Rev1.4
OUT-
OUT+
AVDD
0.1 F
μ
VIN
GND
INP
PAM8902
INN
0.1 F
μ
1 F
μ
VCM
PGN D2
Battery
L1
4.7 H
μ
C1
10 F
μ
C2
10 F
μ
SW
PGN D1
PVC C
COM P
ENA
GSET
VSET
10
Ω
22uH
VOU T
22nF 56k
*Option(Refer to Application Info rmation)


Similar Part No. - PAM8902

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8902A DIODES-PAM8902A Datasheet
554Kb / 12P
30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS WITH ANTI-SATURATION
Rev 1
PAM8902AKER DIODES-PAM8902AKER Datasheet
554Kb / 12P
30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS WITH ANTI-SATURATION
Rev 1
PAM8902AZER DIODES-PAM8902AZER Datasheet
554Kb / 12P
30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS WITH ANTI-SATURATION
Rev 1
PAM8902H DIODES-PAM8902H Datasheet
281Kb / 12P
30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS
Rev 1
PAM8902HKER DIODES-PAM8902HKER Datasheet
281Kb / 12P
30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS
Rev 1
More results

Similar Description - PAM8902

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2100P1 TI-TPA2100P1 Datasheet
949Kb / 23P
19-VPP Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
logo
Asahi Kasei Microsystem...
AK7844 AKM-AK7844 Datasheet
418Kb / 21P
Stereo Audio Class-D Amp with Power Booster for Piezo Speakers
AK7846 AKM-AK7846 Datasheet
427Kb / 16P
Stereo Audio Class-D Amp with Power Booster for Piezo Speakers
logo
Texas Instruments
TAS2555 TI1-TAS2555 Datasheet
879Kb / 12P
Class-D Mono Audio Amplifier
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
Mono Class-D Audio Amplifier
logo
Diodes Incorporated
PAM8304 DIODES-PAM8304 Datasheet
413Kb / 11P
3W MONO CLASS D AUDIO AMPLIFIER
Rev 1
PAM8320 DIODES-PAM8320 Datasheet
640Kb / 11P
20W Mono Class D Audio Amplifier
Rev 1
PAM8902A DIODES-PAM8902A Datasheet
554Kb / 12P
30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS WITH ANTI-SATURATION
Rev 1
PAM8902H DIODES-PAM8902H Datasheet
281Kb / 12P
30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS
Rev 1
PAM8301 DIODES-PAM8301 Datasheet
287Kb / 10P
FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com