Electronic Components Datasheet Search
  English  ▼

X  

NB20 Datasheet(PDF) 2 Page - AVX Corporation

Part # NB20
Description  NTC SMD Thermistors With Nickel Barrier Termination
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

NB20 Datasheet(HTML) 2 Page - AVX Corporation

  NB20 Datasheet HTML 1Page - AVX Corporation NB20 Datasheet HTML 2Page - AVX Corporation NB20 Datasheet HTML 3Page - AVX Corporation NB20 Datasheet HTML 4Page - AVX Corporation NB20 Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NB 20
IEC SIZE : 1206
Types
Rn at 25°C
Material
B (K)
at 25°C
(
Ω)
Code
( B/B
) (%/°C)
NB 20 MC 0 221
220
MC
3910 ± 3%
– 4.4
NB 20 MC 0 102
1,000
MC
3910 ± 3%
– 4.4
NB 20 J 0 0472
4,700
NB 20 J 0 0562
5,600
J
3480 ± 3%
– 3.9
NB 20 J 0 0682
6,800
NB 20 J 5 0822
8,200
J5
3480 ± 3%
– 3.9
NB 20 K 0 0103
10,000
K
3630 ± 3%
– 4.0
NB 20 K 0 0123
12,000
NB 20 L 0 0153
15,000
NB 20 L 0 0183
18,000
L
3790 ± 3%
– 4.2
NB 20 L 0 0223
22,000
NB 20 M 0 0273
27,000
NB 20 M 0 0333
33,000
M
3950 ± 3%
– 4.4
NB 20 M 0 0393
39,000
NB 20 M 0 0473
47,000
NB 20 N 0 0563
56,000
NB 20 N 0 0683
68,000
N
4080 ± 3%
– 4.6
NB 20 N 0 0823
82,000
NB 20 N 5 0104
100,000
N5
4160 ± 3%
– 4.7
NB 20 P 0 0124
120,000
NB 20 P 0 0154
150,000
NB 20 P 0 0184
180,000
P
4220 ± 3%
– 4.7
NB 20 P 0 0224
220,000
NB 20 Q 0 0274
270,000
NB 20 Q 0 0334
330,000
NB 20 Q 0 0394
390,000
Q
4300 ± 3%
– 4.7
NB 20 Q 0 0474
470,000
NB 20 Q 0 0564
560,000
NB 20 R 0 0684
680,000
NB 20 R 0 0824
820,000
R
4400 ± 3%
– 4.8
NB 20 R 0 0105
1,000,000
(1) ± 5%
(2) ± 3%
13
NTC SMD Thermistors
With Nickel Barrier Termination NB 12 – NB 20
NB 12
IEC SIZE : 0805
Types
Rn at 25°C
Material
B (K)
at 25°C
(
Ω)
Code
( B/B
) (%/°C)
NB 12 KC 0 180
18
NB 12 KC 0 220
22
NB 12 KC 0 270
27
NB 12 KC 0 330
33
NB 12 KC 0 390
39
KC
3470 ± 5%
– 3.9
NB 12 KC 0 470
47
NB 12 KC 0 560
56
NB 12 KC 0 680
68
NB 12 KC 0 820
82
NB 12 KC 0 101
100
NB 12 MC 0 121
120
NB 12 MC 0 151
150
NB 12 MC 0 181
180
NB 12 MC 0 221
220
NB 12 MC 0 271
270
NB 12 MC 0 331
330
NB 12 MC 0 391
390
NB 12 MC 0 471
470
NB 12 MC 0 561
560
MC
3910 ± 3%
– 4.4
NB 12 MC 0 681
680
NB 12 MC 0 821
820
NB 12 MC 0 102
1,000
NB 12 MC 0 122
1,200
NB 12 MC 0 152
1,500
NB 12 MC 0 182
1,800
NB 12 MC 0 222
2,200
NB 12 MC 0 272
2,700
NB 12 MC 0 332
3,300
NB 12 J 0 0332
3,300
NB 12 J 0 0392
3,900
J
3480 ± 3%
– 3.9
NB 12 J 0 0472
4,700
NB 12 J 0 0562
5,600
NB 12 K 0 0682
6,800
NB 12 K 0 0822
8,200
K
3630 ± 3%
– 4.0
NB 12 K 0 0103
10,000
NB 12 L 0 0123
12,000
L
3790 ± 3%
– 4.2
NB 12 L 0 0153
15,000
NB 12 M 0 0183
18,000
NB 12 M 0 0223
22,000
M
3950 ± 3%
– 4.4
NB 12 M 0 0273
27,000
NB 12 M 0 0333
33,000
NB 12 N 0 0393
39,000
NB 12 N 0 0473
47,000
N
4080 ± 3%
– 4.6
NB 12 N 0 0563
56,000
NB 12 L 2 0683
68,000
L2
3805 ± 3%
– 4.1
NB 12 N 5 0683
68,000
N5
4160 ± 3%
– 4.7
NB 12 N 5 0823
82,000
NB 12 P 0 0104
100,000
P
4220 ± 3%
– 4.7
NB 12 SC 0104
100,000
SC
4500 ± 3%
– 4.8
NB 12 P 0 0124
120,000
NB 12 P 0 0154
150,000
P
4220 ± 3%
– 4.7
NB 12 P 0 0184
180,000
NB 12 Q 0 0224
220,000
Q
4300 ± 3%
– 4.7
NB 12 Q 0 0274
270,000
NB 12 R 0 0105
1,000,000
R
4400 ± 3%
– 4.8
(1) ± 5%
(2) ± 3%
TABLE OF VALUES



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com