Electronic Components Datasheet Search
  English  ▼

X  

NB20 Datasheet(PDF) 1 Page - AVX Corporation

Part # NB20
Description  NTC SMD Thermistors With Nickel Barrier Termination
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

NB20 Datasheet(HTML) 1 Page - AVX Corporation

  NB20 Datasheet HTML 1Page - AVX Corporation NB20 Datasheet HTML 2Page - AVX Corporation NB20 Datasheet HTML 3Page - AVX Corporation NB20 Datasheet HTML 4Page - AVX Corporation NB20 Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
12
NTC SMD Thermistors
With Nickel Barrier Termination NB 12 - NB 20
Types
NB 12
NB 20
IEC SIZE : 0805
IEC SIZE : 1206
Terminations
Nickel Barrier
Marking
On packaging only
Climatic category
40/125/56
Operating temperature
-55°C to +150°C
Tolerance on Rn (25°C)
±5%, ±10%, ±20%
Maximum dissipation at 25°C
0.12 W
0.24 W
Thermal dissipation factor
2 mW/°C
4 mW/°C
Thermal time constant
5 s
7s
Chip thermistors are high quality and low cost devices
especially developed for surface mounting applications. They
are widely used for temperature compensation but can also
achieve temperature control of printed circuits.
A nickel barrier metallization provides outstanding qualities of
solderability and enables this chip to meet the requirements
of the most severe soldering processes.
APPLICATIONS
• LCD compensation
• Battery packs
• Mobile phones
• CD players
• Heating systems
• Air-conditioning systems
• Temperature control of Switch Mode Power Supplies
• Compensation of pressure sensors
• Protection of power transistors in various electronic circuits
2 (.079)
± 0.3 (.012)
1.25 (.049)
± 0.2 (.008)
0.5 (.020)
... 1.3 (.051)
0.2 (.008) min
0.2 (.008) min
3.2 (.126)
± 0.4 (.016)
0.2 (.008) min
0.2 (.008) min
1.6 (.063)
± 0.25 (.010)
0.5 (.020)
... 1.5 (.059)
Resistance - Temperature characteristics: pages 36 to 40.
HOW TO ORDER
NB 20
Type
K 0
Material Code
K
(See tables page 13)
0103
Resistance
10,000
Ω
M
Tolerance
M (±20%)
J (±5%)
K (±10%)
BA
Suffix: Packaging
– –: Bulk
BA: Plastic tape
(180mm diam. reel)
BE: Plastic tape (1/2 reel)
BC: Plastic tape
(330mm diam. reel)
BB: Cardboard tape
(180mm diam. reel)
BF: Cardboard tape (1/2 reel)
BD: Cardboard tape
(330mm diam. reel)
DIMENSIONS:
millimeters (inches)


Similar Part No. - NB20

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
NB20K00103MBA AVX-NB20K00103MBA Datasheet
200Kb / 5P
NTC SMD Thermistors
NB20K00103MBB AVX-NB20K00103MBB Datasheet
200Kb / 5P
NTC SMD Thermistors
NB20K00103MBD AVX-NB20K00103MBD Datasheet
200Kb / 5P
NTC SMD Thermistors
NB20K00103MBE AVX-NB20K00103MBE Datasheet
200Kb / 5P
NTC SMD Thermistors
NB20K00103MBF AVX-NB20K00103MBF Datasheet
200Kb / 5P
NTC SMD Thermistors
More results

Similar Description - NB20

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57211 EPCOS-B57211 Datasheet
57Kb / 3P
SMD NTC Thermistors with Nickel Barrier Termination
B57311 EPCOS-B57311 Datasheet
58Kb / 4P
Temperature Measurement SMD NTC Thermistors with Nickel Barrier Termination
B57411 EPCOS-B57411 Datasheet
58Kb / 4P
Temperature Measurement SMD NTC Thermistors with Nickel Barrier Termination
CT0603S20ACCG EPCOS-CT0603S20ACCG Datasheet
144Kb / 9P
SMD multilayer varistor with nickel barrier termination
logo
AVX Corporation
NB21 AVX-NB21 Datasheet
198Kb / 5P
NTC SMD Thermistors With Nickel Barrier Termination NB 21
logo
EPCOS
B57621C0222 EPCOS-B57621C0222 Datasheet
65Kb / 3P
SMD NTC Thermistors with Sliver Palladium Termination
B57620C221J62 EPCOS-B57620C221J62 Datasheet
65Kb / 3P
SMD NTC Thermistors with Silver Palladium Termination, Size 0805
B57421V2103J62 EPCOS-B57421V2103J62 Datasheet
66Kb / 4P
SMD NTC Thermistors with Nickel Barrier Termination, Size 0805
logo
AVX Corporation
NB12MC0221JBA AVX-NB12MC0221JBA Datasheet
200Kb / 5P
NTC SMD Thermistors With Nickel Barrier Termination NB 12 - NB 20
NB12P00104JBB AVX-NB12P00104JBB Datasheet
200Kb / 5P
NTC SMD Thermistors With Nickel Barrier Termination NB 12 - NB 20
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com