Electronic Components Datasheet Search
  English  ▼

X  

RAC04 Datasheet(PDF) 1 Page - Recom International Power

Part # RAC04
Description  AC/DC-Converter with 3 year Warranty
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC04 Datasheet(HTML) 1 Page - Recom International Power

  RAC04 Datasheet HTML 1Page - Recom International Power RAC04 Datasheet HTML 2Page - Recom International Power RAC04 Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.recom-international.com
1
REV:0/2012
4 Watt
Single / Dual
Output
● Universal Input 90-305VAC
● High efficiency up to 79%
● Isolated Output 3.75kVAC / 1 min
● Short Circuit Protection
● Maximum No Load <50mW, Maximum Input Power
<0.5W @0.3W Output Power
● Meet EN55022 Class B
● Fixed Output Voltage
Features
Regulated
Converters
Selection Guide
Input Voltage Range
90-305VAC or 127-430VDC
Input Frequency
47-440Hz
Input Current (Full Load)
115VAC/230VAC
98mA / 64mA max.
Inrush Current
115VAC/230VAC
15A / 30A max.
No Load Power Consumption
115VAC/230VAC/277VAC / 50/60Hz
50mW max.
Output Voltage Accuracy (Full Load)
Single Outputs
±2% typ.
Dual Outputs
±2% typ.
5V/12V
±2% / ±10% typ.
Line Voltage Regulation (90-305VAC)
Single Outputs
±0.2% typ.
Dual Outputs
±0.2% typ.
5V/12V
±0.2% / ±1% typ.
Load Voltage Regulation
3.3V/5V Output
±1% typ.
All Others
0.5% typ.
(5V Minimum Load 5% @12V Full Load)
5V/12V
±1%/- typ.
Output Ripple&Noise @115/230VAC
3.3V/5V/±5V Output
150mV max.
(20MHz limited)
All Others
100mV max.
5V/12V
150mV/- max.
Switching Frequency (Full Load)
67kHz
Hold-Up Time (@115VAC)
15ms min.
Minimum Load
5V/12V
5% / 0% typ.
All Others
0%
Isolation Voltage
Input-Output
3.75kVAC / 1minute
Leakage Current
277VAC / 50Hz
0.25mA max.
Isolation Resistance
100M
Ω min.
Short Circuit Protection
Auto Recovery
Operating Temperature Range
-25°C to +65°C (without Derating)
(Natural Convection, with Derating)
-25°C to +80°C (with Derating)
Storage Temperature Range
-40°C to +100°C
Case Material
UL94V-0 Black Plastic
continued on next page
Derating Graph
(Ambient Temperature)
Specifications (measured at TA 25°C, full load after warm-up)
POWERLINE
AC/DC-Converter
with 3 year Warranty
EN-60950-1 (pending)
UL-60590-1 (pending)
RAC04/277
100
60
40
20
0
80
Ambient Temperature Range (°C)
-25
20
0
40
60
80
100
Safe Operating Area
70
65
50
Part
Input
Output
Output
Max.
Number
Voltage
Voltage
Current
Efficiency
Capacitive
(VAC)
(VDC)
(max.)
(Typ.)
Load
RAC04-3.3SC/277
90-305
3.3
1200
72
10000
RAC04-05SC/277
90-305
5
800
75
7200
RAC04-12SC/277
90-305
12
333
78
1000
RAC04-15SC/277
90-305
15
267
79
820
RAC04-24SC/277
90-305
24
167
79
220
RAC04-0512DC/277
90-305
5/12
720/33
75
4700/100
RAC04-05DC/277
90-305
±5
±400
76
±3300
RAC04-12DC/277
90-305
±12
±166
78
±680


Similar Part No. - RAC04

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC04-0512DA RECOM-RAC04-0512DA Datasheet
86Kb / 2P
Ultracompact AC-DC Power Supply
RAC04-0512DA RECOM-RAC04-0512DA Datasheet
87Kb / 2P
Ultracompact AC-DC Power Supply
RAC04-0512DC RECOM-RAC04-0512DC Datasheet
90Kb / 3P
Universal Input 80-264VAC
RAC04-0512DC RECOM-RAC04-0512DC Datasheet
453Kb / 6P
50mW max. No Load Power Consumption
RAC04-0512DC/ RECOM-RAC04-0512DC/ Datasheet
90Kb / 3P
4 Watt Single Dual Output
More results

Similar Description - RAC04

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACD12-350_1103 RECOM-RACD12-350_1103 Datasheet
93Kb / 2P
AC/DC-Converter with 5 year Warranty
RACD20-D RECOM-RACD20-D Datasheet
90Kb / 2P
AC/DC-Converter with 5 year Warranty
RACD30 RECOM-RACD30 Datasheet
101Kb / 2P
AC/DC-Converter with 5 year Warranty
RPR20-243.3S RECOM-RPR20-243.3S Datasheet
195Kb / 6P
Railway-Converter with 3 year Warranty
RACD25-500P RECOM-RACD25-500P Datasheet
93Kb / 2P
AC/DC-Converter with 5 year Warranty
RACM40 RECOM-RACM40 Datasheet
585Kb / 6P
Long 5 Year Warranty
RACM100 RECOM-RACM100 Datasheet
575Kb / 5P
Long 5 Year Warranty
logo
Artesyn Technologies
AYA ARTESYN-AYA Datasheet
454Kb / 3P
Three year product warranty
logo
fujitsu semiconductor
ASU9RLF FUJITSU-ASU9RLF Datasheet
64Kb / 1P
Seven year compressor warranty
logo
ETA-USA
ZMP-SX-F-W-D ETA-USA-ZMP-SX-F-W-D Datasheet
2Mb / 5P
500W 2 year warranty
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com