Electronic Components Datasheet Search
  English  ▼

X  

RAC04 Datasheet(PDF) 3 Page - Recom International Power

Part # RAC04
Description  AC/DC-Converter with 3 year Warranty
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC04 Datasheet(HTML) 3 Page - Recom International Power

  RAC04 Datasheet HTML 1Page - Recom International Power RAC04 Datasheet HTML 2Page - Recom International Power RAC04 Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Package Style and Pinning
RAC04-xxSC/277
Series
POWERLINE
AC/DC-Converter
www.recom-international.com
3
REV:0/2012
RAC04C-0512DH
36.7
36.0
17.1
4.0
0.6
21.0
76
5
4
3
2
1
3.8
21.5
3.75x2
21.0
3.1
26.5
27.2
21.5
7.5
Primary
Isolation
Spacing
Secondary
Pin Connections
Pin #
Single Out
Dual Output
Dual Output
1
No Pin
No Pin
No Pin
2
+VDC out
+Vout
+Vout
3
-VDC out
Com
Com
4
NC
-Vout
+12V
5
VAC in (L)
VAC in (L)
VAC in (L)
6
VAC in (N)
VAC in (N)
VAC in (N)
7NC
NC
NC
NC = No Connection
xx.x =
±0.5mm
xx.xx = ±0.25mm
Load (%)
0
10
20
30
40
50
60
70
80
90
100
0 10 20 30 40 50 60 70 80 90 100
115VAC
90VAC
230VAC
264VAC
277VAC
300VAC
3rd angle
projection
Specifications (measured at TA 25°C, full load after warm-up)
Load
VAC (L)
VAC (N)
Vout-
Vout+
L
N
Fuse 1A
47uF/50V
0.1uF/50V
Application Note:
1. Recommended external input fuse 1A/slow blow type.
2. To measure the output ripple & noise short runs by
0.1uF/50V&47uF/50V @20MHz, nominal input and full load.
Please see as above.
3. That Pin 7 is NC but need 3mm minimum clearance to ground
for safety.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com