Electronic Components Datasheet Search
  English  ▼

X  

ZB6AGE Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # ZB6AGE
Description  Harmony??XB6/ZB6 16 mm push buttons
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ZB6AGE Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button ZB6AGE Datasheet HTML 10Page - List of Unclassifed Manufacturers ZB6AGE Datasheet HTML 11Page - List of Unclassifed Manufacturers ZB6AGE Datasheet HTML 12Page - List of Unclassifed Manufacturers ZB6AGE Datasheet HTML 13Page - List of Unclassifed Manufacturers ZB6AGE Datasheet HTML 14Page - List of Unclassifed Manufacturers ZB6AGE Datasheet HTML 15Page - List of Unclassifed Manufacturers ZB6AGE Datasheet HTML 16Page - List of Unclassifed Manufacturers ZB6AGE Datasheet HTML 17Page - List of Unclassifed Manufacturers ZB6AGE Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
14
Non-illuminated selector switches and key switches
Type of head
Black handle
Shape of head
rectangular (1)
Degree of protection
IP 66 / Nema 4, 4X, 12 / Class II
Mounting (mm)
panel cut-out
16.2 mm
+ 0.2
0
mounting centers
24 x 18 with rectangular head, 18 x 18 with square or circular head
Dimensions (mm)
W x H x D (below head)
24 x 18 x 50 with rectangular head, 18 x 18 x 50 with square or circular head
Connection (2)
Tags for 2.8 x 0.5 quick connectors or for soldering
Type of operator: Black handle
Complete products
Products for user assembly
Number and type of positions
2 positions
2 positions
2 positions
maintained
maintained
spring return to center
References
N/O
XB6DD221B
ZB6Z1B
ZB6DD22
ZB6Z1B
ZB6DD24
N/C + N/O
XB6DD225B
ZB6Z5B
ZB6DD22
ZB6Z5B
ZB6DD24
Number and type of positions
3 positions
3 positions
3 positions
maintained
maintained
spring return to center
References
N/O
XB6DD235B
ZB6Z5B
ZB6DD23
ZB6Z5B
ZB6DD25
Type of operator: Ronis key, No . 200
Complete products
Products for user assembly
Number and type of positions
2 positions
2 positions
2 positions
maintained
maintained
spring return to center
References
N/C + N/O
XB6DGC5B
ZB6Z5B
ZB6DGC
ZB6Z5B
ZB6DGB
Number and type of positions
3 positions
3 positions
3 positions
maintained
maintained
spring return to center
References
N/C + N/O
XB6DGH5B
ZB6Z5B
ZB6DGH
ZB6Z5B
ZB6DGS
(1) For products with a square head, replace the letter
D in the reference by the letter C (XB6DD221B becomes XB6CD221B).
For products with a circular head, replace the letter
D in the reference by the letter A (XB6DD221B becomes XB6AD221B).
(2) Alternative connection: 1 x 0.5 pins for printed circuit boards.
=
+
Voltage Table
Voltage
Letter (p)
12 to 24 V AC/DC (15 mA)
B
48 to 120 V AC (25 mA)
G
230 to 240 V AC (25 mA)
M
Harmony™ XB6/ZB6
16 mm push buttons
Contact functions and light functions with
integral LED
Assembled products
(continued)
60°
60°
45°
60°
60°
60°
60°
45°
45°
=
+
70°
70°
45°
70°
70°
70°
70°
45°
45°
Product range:
page 5
Specifications:
page 10
References:
page 15
Dimensions:
page 25
This document provided by Barr-Thorp Electric Co., Inc. 800-473-9123 www.barr-thorp.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com