Electronic Components Datasheet Search
  English  ▼

X  

ZB6AGE Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # ZB6AGE
Description  Harmony??XB6/ZB6 16 mm push buttons
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ZB6AGE Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button ZB6AGE Datasheet HTML 12Page - List of Unclassifed Manufacturers ZB6AGE Datasheet HTML 13Page - List of Unclassifed Manufacturers ZB6AGE Datasheet HTML 14Page - List of Unclassifed Manufacturers ZB6AGE Datasheet HTML 15Page - List of Unclassifed Manufacturers ZB6AGE Datasheet HTML 16Page - List of Unclassifed Manufacturers ZB6AGE Datasheet HTML 17Page - List of Unclassifed Manufacturers ZB6AGE Datasheet HTML 18Page - List of Unclassifed Manufacturers ZB6AGE Datasheet HTML 19Page - List of Unclassifed Manufacturers ZB6AGE Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
16
Pilot Lights (12–24 Vac/Vdc LED included)
Complete Units with Quick Connectors/Solder Tabs
Color
Rectangular
Square
Round
Reference
Reference
Reference
White
XB6DV1BB
XB6CV1BB
XB6AV1BB
Green
XB6DV3BB
XB6CV3BB
XB6AV3BB
Red
XB6DV4BB
XB6CV4BB
XB6AV4BB
Yellow
XB6DV5BB
XB6CV5BB
XB6AV5BB
Blue
XB6DV6BB
XB6CV6BB
XB6AV6BB
Pilot Lights (120 Vac LED)
Complete Units with Quick Connectors/Solder Tabs
Color
Rectangular
Square
Round
Reference
Reference
Reference
White
XB6DV1GB
XB6CV1GB
XB6AV1GB
Green
XB6DV3GB
XB6CV3GB
XB6AV3GB
Red
XB6DV4GB
XB6CV4GB
XB6AV4GB
Yellow
XB6DV5GB
XB6CV5GB
XB6AV5GB
Blue
XB6DV6GB
XB6CV6GB
XB6AV6GB
Push Buttons (Non-Illuminated)
Complete Units with Quick Connectors/Solder Tabs
Type of Push Type of Contact Color
Rectangular
Square
Round
N .O .
N .C .
Reference
Reference
Reference
Flush, spring
return
1
—
White
XB6DA11B
XB6CA11B
XB6AA11B
Black
XB6DA21B
XB6CA21B
XB6AA21B
Green
XB6DA31B
XB6CA31B
XB6AA31B
Yellow
XB6DA51B
XB6CA51B
XB6AA51B
Blue
XB6DA61B
XB6CA61B
XB6AA61B
—
1
Black
XB6DA22B
XB6CA22B
XB6AA22B
Red
XB6DA42B
XB6CA42B
XB6AA42B
1
1
White
XB6DA15B
XB6CA15B
XB6AA15B
Black
XB6DA25B
XB6CA25B
XB6AA25B
Green
XB6DA35B
XB6CA35B
XB6AA35B
Red
XB6DA45B
XB6CA45B
XB6AA45B
Yellow
XB6DA55B
XB6CA55B
XB6AA55B
Blue
XB6DA65B
XB6CA65B
XB6AA65B
Trigger Action Emergency Stop Mushroom Head Push Buttons (Color Red) (1)
Shape of Head
Type of Push
Type of Contact
Diameter
of Head (mm)
Reference
N .O .
N .C .
Turn-to-release
—
1
30
XB6AS8342B
1
1
30
XB6AS8345B
Key release
—
1
30
XB6AS9342B
1
1
30
XB6AS9345B
(1) Complies with EN418/ISO13850 standards for Emergency Stop push buttons when used with circular Legend Plate ZB6Y7330 (see page 24).
Circular Legends, 45 mm
Description
Color
Text
Reference
Circular legends, 45 mm
Yellow
Blank
ZB6Y7001
Emergency stop
ZB6Y7330
For Legends, pages 22 and 24.
XB6DV••B
XB6CV••B
XB6AV••B
XB6DA••B
XB6CA••B
XB6AA••B
ZB6Y7330
Harmony™ XB6/ZB6
16 mm push buttons
Complete units
References (continued)
Product range:
page 5
Specifications:
page 10
Assembled products:
page 12
Dimensions:
page 25
XB6AS9345B
XB6AS8345B
This document provided by Barr-Thorp Electric Co., Inc. 800-473-9123 www.barr-thorp.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com