Electronic Components Datasheet Search
  English  ▼

X  

ZB6YA006 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # ZB6YA006
Description  Harmony??XB6/ZB6 16 mm push buttons
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ZB6YA006 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button ZB6YA006 Datasheet HTML 24Page - List of Unclassifed Manufacturers ZB6YA006 Datasheet HTML 25Page - List of Unclassifed Manufacturers ZB6YA006 Datasheet HTML 26Page - List of Unclassifed Manufacturers ZB6YA006 Datasheet HTML 27Page - List of Unclassifed Manufacturers ZB6YA006 Datasheet HTML 28Page - List of Unclassifed Manufacturers ZB6YA006 Datasheet HTML 29Page - List of Unclassifed Manufacturers ZB6YA006 Datasheet HTML 30Page - List of Unclassifed Manufacturers ZB6YA006 Datasheet HTML 31Page - List of Unclassifed Manufacturers ZB6YA006 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
28
Harmony™ XB6/ZB6
16 mm push buttons
Selector switches, standard handle (illuminated and non illuminated)
Bodies
Rectangular head
Square head
ZB6ZpB
ZB6DDpp
ZB6CDpp
Circular head
ZB6ADpp
Key switches
Bodies
Rectangular head
Square head
ZB6ZpB
ZB6DGp
ZB6CGp
Circular head
ZB6AGp
Dimensions (continued)
Product range:
page 5
Specifications:
page 10
Assembled products:
page 12
References:
page 15
Protective shutter
For rectangular head
For square or circular head
ZB6YD001
ZB6YA001
e: panel thickness 1 to 6 mm
Plug-in socket adaptor for printed circuit board mounting and body bracket
ZB6Y010 + ZB6Y011
2.375
(60.5)
e
0.5625
(14)
1.625
(41.5)
0.9375
(23.5)
e
0.5625
(14)
1.625
(41.5)
0.75
(18)
2.375
(60.5)
Dual Dimensions: in (mm)
0.75
(18)
1.6875
(43)
2.1875
(55)
0.75
(18)
1.25
(32)
0.3125
(8)
1.6875
(43)
0.9375
(24)
1.6875
(43)
0.9375
(24)
0.75
(18)
1.6875
(43)
0.75
(18)
1.6875
(43)
0.75
(18)
1.6875
(43)
1.25
(32)
0.3125
(8)
2.1875
(55)
0.9375
(24)
2.1875
(55)
0.9375
(24)
0.75
(18)
2.1875
(55)
0.75
(18)
2.1875
(55)
2.1875
(55)
0.75
(18)
1.65
(42)
0.22
(5.5)
1.26
(32)
0.94
(24)
ZB6Y011 ZB6Y010
This document provided by Barr-Thorp Electric Co., Inc. 800-473-9123 www.barr-thorp.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com