Electronic Components Datasheet Search
  English  ▼

X  

ZB6YA006 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # ZB6YA006
Description  Harmony??XB6/ZB6 16 mm push buttons
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ZB6YA006 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button ZB6YA006 Datasheet HTML 26Page - List of Unclassifed Manufacturers ZB6YA006 Datasheet HTML 27Page - List of Unclassifed Manufacturers ZB6YA006 Datasheet HTML 28Page - List of Unclassifed Manufacturers ZB6YA006 Datasheet HTML 29Page - List of Unclassifed Manufacturers ZB6YA006 Datasheet HTML 30Page - List of Unclassifed Manufacturers ZB6YA006 Datasheet HTML 31Page - List of Unclassifed Manufacturers ZB6YA006 Datasheet HTML 32Page - List of Unclassifed Manufacturers ZB6YA006 Datasheet HTML 33Page - List of Unclassifed Manufacturers ZB6YA006 Datasheet HTML 34Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
30
Push buttons, switches and pilot lights
for printed circuit board connection
Mounting with body bracket
Front panel cut-out (viewed from installer’s side)
With socket adaptor ZB6Y010
Printed circuit board drillings (viewed from electrical block side) (1)
Direct mounting without socket adaptor ZB6Y010
A: 24 mm minimum for rectangular heads
18 mm minimum for square or circular heads
B:: 18 mm minimum
1 6 x Ø 1.1 mm holes.
2 1 x Ø 2.6 0 0.2 hole for locating pin, only when using socket adaptor ZB6Y010.
3 1 x Ø 3.2 0 0.2 hole for mounting of printed circuit board onto the front panel using body bracket ZB6Y011.
This hole must be drilled on the left side, when heads are positioned at the normal angle. Attach a body bracket ZB6Y011 every 72 mm
maximum for cut-outs on 24 mm centers (rectangular heads) and 54 mm maximum for cut-outs on 18 mm centers (square or circular heads).
General tolerances of the panel and printed circuit board: T1, T2
The cumulative tolerance must not exceed 0.3 mm:
T1 + T2 = 0 .3 mm maximum .
Installation precautions:
Thickness of printed circuit board: 1.6 mm minimum.
(1) The cut-out dimensions are the same for direct mounting and for mounting using socket adaptor ZB6Y010.
Product range:
page 5
Specifications:
page 10
Assembled products:
page 12
References:
page 15
Harmony™ XB6/ZB6
16 mm push buttons
Dimensions (continued)
Dual Dimensions: in (mm)
A1±T1
A±T1
An±T1
Y
X
2.03
(51.5)
Nut ZB6Y002
Body bracket
Socket adaptor
ZB6Y010
Printed
circuit
Panel
Head ZB6
Body ZB6
Contact block ZB6E B
ZB6Y011
0.47
(12)
0.47
(12)
A ± T2
A1 ± T2
An ± T2
0.5
(12.7)
0.12
(3)
0.08
(2)
0.04
(1)
1.63
(41.5)
Nut ZB6Y002
Body bracket
ZB6Y011
Printed
circuit
Panel
Head ZB6
Body ZB6
Contact block ZB6E A
This document provided by Barr-Thorp Electric Co., Inc. 800-473-9123 www.barr-thorp.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com