Electronic Components Datasheet Search
  English  ▼

X  

RM-8 Datasheet(PDF) 9 Page - Analog Devices

Part # RM-8
Description  10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

RM-8 Datasheet(HTML) 9 Page - Analog Devices

Back Button RM-8 Datasheet HTML 5Page - Analog Devices RM-8 Datasheet HTML 6Page - Analog Devices RM-8 Datasheet HTML 7Page - Analog Devices RM-8 Datasheet HTML 8Page - Analog Devices RM-8 Datasheet HTML 9Page - Analog Devices RM-8 Datasheet HTML 10Page - Analog Devices RM-8 Datasheet HTML 11Page - Analog Devices RM-8 Datasheet HTML 12Page - Analog Devices RM-8 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
ADA4500-2
Rev. A | Page 9 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, unless otherwise noted.
100
90
80
70
60
50
40
30
20
10
0
–120 –100 –80 –60 –40 –20
0
20
40
60
80
100 120
VOS (µV)
ADA4500-2
VSY = 2.7V
VCM = VSY/2
Figure 5. Input Offset Voltage Distribution, VSY = 2.7 V
35
30
25
20
15
10
5
0
0
8.75
7.50
6.25
5.00
3.75
2.50
1.25
TCVOS (µV/°C)
ADA4500-2
VSY = 2.7V
VCM = VSY/2
–40°C ≤ TA ≤ +125°C
Figure 6. Input Offset Voltage Drift Distribution, VSY = 2.7 V
100
–100
–80
–60
–40
–20
0
20
40
60
80
–0.2
2.8
2.3
1.8
1.3
0.8
0.3
VCM (V)
ADA4500-2
VSY = 2.7V
Figure 7. Input Offset Voltage (VOS) vs. Common-ModeVoltage (VCM), VSY = 2.7 V
100
90
80
70
60
50
40
30
20
10
0
–120 –100 –80 –60 –40 –20
0
20
40
60
80
100 120
VOS (µV)
ADA4500-2
VSY = 5.0V
VCM = VSY/2
Figure 8. Input Offset Voltage Distribution, VSY = 5.0 V
35
30
25
20
15
10
5
0
0
8.75
7.50
6.25
5.00
3.75
2.50
1.25
TCVOS (µV/°C)
ADA4500-2
VSY = 5.0V
VCM = VSY/2
–40°C ≤ TA ≤ +125°C
Figure 9. Input Offset Voltage Drift Distribution, VSY = 5.0 V
–0.2
2.8
4.8
3.8
1.8
0.8
100
–100
–80
–60
–40
–20
0
20
40
60
80
VCM (V)
ADA4500-2
VSY = 5.0V
Figure 10. Input Offset Voltage (VOS) vs.Common-ModeVoltage (VCM), VSY = 5.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com