Electronic Components Datasheet Search
  English  ▼

X  

RM-8 Datasheet(PDF) 14 Page - Analog Devices

Part # RM-8
Description  10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

RM-8 Datasheet(HTML) 14 Page - Analog Devices

Back Button RM-8 Datasheet HTML 10Page - Analog Devices RM-8 Datasheet HTML 11Page - Analog Devices RM-8 Datasheet HTML 12Page - Analog Devices RM-8 Datasheet HTML 13Page - Analog Devices RM-8 Datasheet HTML 14Page - Analog Devices RM-8 Datasheet HTML 15Page - Analog Devices RM-8 Datasheet HTML 16Page - Analog Devices RM-8 Datasheet HTML 17Page - Analog Devices RM-8 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADA4500-2
Data Sheet
Rev. A | Page 14 of 24
TA = 25°C, unless otherwise noted.
TIME (400ns/DIV)
ADA4500-2
VSY = 2.7V
VCM = VSY/2
VIN = 2V p-p
AV = +1
RL = 10kΩ
CL = 100pF
Figure 35. Large Signal Transient Response, VSY = 2.7 V
TIME (200ns/DIV)
ADA4500-2
VSY = 2.7V
VCM = VSY/2
VIN = 100mV p-p
AV = +1
RL = 10kΩ
CL = 100pF
Figure 36. Small Signal Transient Response, VSY = 2.7 V
LOAD CAPACITANCE (pF)
80
70
60
50
40
30
20
0
10
1
10
100
OS+
OS–
ADA4500-2
VSY = 2.7V
VCM = VSY/2
VIN = 100mV p-p
AV = +1
RL = 10kΩ
Figure 37. Small Signal Overshoot vs. Load Capacitance, VSY = 2.7 V
TIME (200ns/DIV)
ADA4500-2
VSY = 5.0V
VCM = VSY/2
VIN = 4V p-p
AV = +1
RL = 10kΩ
CL = 100pF
Figure 38. Large Signal Transient Response, VSY = 5.0 V
TIME (200ns/DIV)
ADA4500-2
VSY = 5.0V
VCM = VSY/2
VIN = 100mV p-p
AV = +1
RL = 10kΩ
CL = 100pF
Figure 39. Small Signal Transient Response, VSY = 5.0 V
LOAD CAPACITANCE (pF)
80
70
60
50
40
30
20
0
10
1
10
100
OS+
OS–
ADA4500-2
VSY = 5.0V
VCM = VSY/2
VIN = 100mV p-p
AV = +1
RL = 10kΩ
Figure 40. Small Signal Overshoot vs. Load Capacitance, VSY = 5.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com