Electronic Components Datasheet Search
  English  ▼

X  

SE38 Datasheet(PDF) 397 Page - Microchip Technology

Part # SE38
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SE38 Datasheet(HTML) 397 Page - Microchip Technology

Back Button SE38 Datasheet HTML 393Page - Microchip Technology SE38 Datasheet HTML 394Page - Microchip Technology SE38 Datasheet HTML 395Page - Microchip Technology SE38 Datasheet HTML 396Page - Microchip Technology SE38 Datasheet HTML 397Page - Microchip Technology SE38 Datasheet HTML 398Page - Microchip Technology SE38 Datasheet HTML 399Page - Microchip Technology SE38 Datasheet HTML 400Page - Microchip Technology SE38 Datasheet HTML 401Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 397 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 397
PIC16(L)F1946/47
30.3
DC Characteristics: PIC16(L)F1946/47-I/E (Power-Down)
PIC16LF1946/47
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
PIC16F1946/47
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
Param
No.
Device Characteristics
Min.
Typ†
Max.
+85°C
Max.
+125°C
Units
Conditions
VDD
Note
Power-down Base Current (IPD)(2)
D023
—
0.06
1.0
8.0
A
1.8
WDT, BOR, FVR, and T1OSC
disabled, all Peripherals Inactive
—
0.08
2.0
9.0
A3.0
D023
—
21
55
63
A
1.8
WDT, BOR, FVR, and T1OSC
disabled, all Peripherals Inactive
—
25
58
78
A
3.0
—
27
60
88
A
5.0
D024
—
0.5
6.0
9.0
A
1.8
LPWDT Current (Note 1)
—0.8
7.0
10
A3.0
D024
—
23
57
65
A
1.8
LPWDT Current (Note 1)
—
26
59
80
A
3.0
—
28
61
90
A
5.0
D025
—
15
28
30
A
1.8
FVR current
—15
30
33
A3.0
D025
—
38
96
100
A
1.8
FVR current (Note 4)
—
45
110
120
A
3.0
—
90
140
155
A
5.0
D026
—
13
16
20
A
3.0
BOR Current (Note 1)
D026
—
40
110
120
A
3.0
BOR Current (Note 1, Note 4)
—
87
140
155
A
5.0
D027
—
0.6
6.0
9.0
A
1.8
T1OSC Current (Note 1)
—
1.8
10
12
A3.0
D027
—
22
57
60
A
1.8
T1OSC Current (Note 1)
—
29
62
70
A
3.0
—
35
66
85
A
5.0
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are
not tested.
Note 1:
The peripheral current is the sum of the base IDD or IPD and the additional current consumed when this peripheral is
enabled. The peripheral
 current can be determined by subtracting the base IDD or IPD current from this limit. Max
values should be used when calculating total current consumption.
2:
The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is measured with
the part in Sleep mode, with all I/O pins in high-impedance state and tied to VDD.
3:
A/D oscillator source is FRC.
4:
0.1
F capacitor on VCAP (RF0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com