Electronic Components Datasheet Search
  English  ▼

X  

SE38 Datasheet(PDF) 398 Page - Microchip Technology

Part # SE38
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SE38 Datasheet(HTML) 398 Page - Microchip Technology

Back Button SE38 Datasheet HTML 394Page - Microchip Technology SE38 Datasheet HTML 395Page - Microchip Technology SE38 Datasheet HTML 396Page - Microchip Technology SE38 Datasheet HTML 397Page - Microchip Technology SE38 Datasheet HTML 398Page - Microchip Technology SE38 Datasheet HTML 399Page - Microchip Technology SE38 Datasheet HTML 400Page - Microchip Technology SE38 Datasheet HTML 401Page - Microchip Technology SE38 Datasheet HTML 402Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 398 / 478 page
background image
PIC16(L)F1946/47
DS41414D-page 398
 2010-2012 Microchip Technology Inc.
Power-down Base Current (IPD)(2)
D028
—
0.1
5.0
8.0
A
1.8
A/D Current (Note 1, Note 3), no
conversion in progress
—
0.1
6.0
9.0
A3.0
D028
—
22
56
63
A
1.8
A/D Current (Note 1, Note 3), no
conversion in progress
—
26
58
78
A
3.0
—
27
61
88
A
5.0
D029
—
250
—
—
A
1.8
A/D Current (Note 1, Note 3),
conversion in progress
—250
—
—
A3.0
D029
—
280
—
—
A
1.8
A/D Current (Note 1, Note 3,
Note 4), conversion in progress
—
280
—
—
A
3.0
—
280
—
—
A
5.0
D030
—
1
—
—
A
3.0
LCD Bias Ladder, Low-power
—10
—
—
A
3.0
LCD Bias Ladder, Medium-power
—75
—
—
A
3.0
LCD Bias Ladder, High-power
D030
—
1
—
—
A
5.0
LCD Bias Ladder, Low-power
—
10
—
—
A
5.0
LCD Bias Ladder, Medium-power
—
75
—
—
A
5.0
LCD Bias Ladder, High-power
D031
—
7.6
22
25
A
1.8
Comparator, Low-Power mode
—
8.0
23
27
A3.0
D031
—
24
55
65
A
1.8
Comparator, Low-Power mode
—
26
58
80
A
3.0
—
28
60
90
A
5.0
D032A*
—
2.0
—
—
A
1.8
Cap Sense, Low-Power mode,
CPSRM=0
—3.0
—
—
A3.0
D032A*
—
23
—
—
A
1.8
Cap Sense, Low-Power mode,
CPSRM=0
—
28
—
—
A
3.0
—
30
—
—
A
5.0
30.3
DC Characteristics: PIC16(L)F1946/47-I/E (Power-Down) (Continued)
PIC16LF1946/47
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
PIC16F1946/47
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
Param
No.
Device Characteristics
Min.
Typ†
Max.
+85°C
Max.
+125°C
Units
Conditions
VDD
Note
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are
not tested.
Note 1:
The peripheral current is the sum of the base IDD or IPD and the additional current consumed when this peripheral is
enabled. The peripheral
 current can be determined by subtracting the base IDD or IPD current from this limit. Max
values should be used when calculating total current consumption.
2:
The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is measured with
the part in Sleep mode, with all I/O pins in high-impedance state and tied to VDD.
3:
A/D oscillator source is FRC.
4:
0.1
F capacitor on VCAP (RF0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com