Electronic Components Datasheet Search
  English  ▼

X  

SE38 Datasheet(PDF) 473 Page - Microchip Technology

Part # SE38
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SE38 Datasheet(HTML) 473 Page - Microchip Technology

Back Button SE38 Datasheet HTML 469Page - Microchip Technology SE38 Datasheet HTML 470Page - Microchip Technology SE38 Datasheet HTML 471Page - Microchip Technology SE38 Datasheet HTML 472Page - Microchip Technology SE38 Datasheet HTML 473Page - Microchip Technology SE38 Datasheet HTML 474Page - Microchip Technology SE38 Datasheet HTML 475Page - Microchip Technology SE38 Datasheet HTML 476Page - Microchip Technology SE38 Datasheet HTML 477Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 473 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 473
PIC16(L)F1946/47
Asynchronous Transmission (Back to Back) ............ 301
Auto Wake-up Bit (WUE) During Normal Operation . 316
Auto Wake-up Bit (WUE) During Sleep .................... 316
Automatic Baud Rate Calculator............................... 315
Baud Rate Generator with Clock Arbitration ............. 275
BRG Reset Due to SDA Arbitration During Start
Condition........................................................... 286
Brown-out Reset (BOR) ............................................ 407
Brown-out Reset Situations ........................................ 81
Bus Collision During a Repeated Start Condition
(Case 1) ............................................................ 287
Bus Collision During a Repeated Start Condition
(Case 2) ............................................................ 287
Bus Collision During a Start Condition (SCL = 0) ..... 286
Bus Collision During a Stop Condition (Case 1) ....... 288
Bus Collision During a Stop Condition (Case 2) ....... 288
Bus Collision During Start Condition (SDA only) ...... 285
Bus Collision for Transmit and Acknowledge............ 284
CLKOUT and I/O....................................................... 405
Clock Synchronization .............................................. 272
Clock Timing ............................................................. 404
Comparator Output ................................................... 179
Enhanced Capture/Compare/PWM (ECCP) ............. 409
Fail-Safe Clock Monitor (FSCM) ................................. 74
First Start Bit Timing ................................................. 276
Full-Bridge PWM Output ........................................... 229
Half-Bridge PWM Output .................................. 227, 234
I2C Bus Data ............................................................. 417
I2C Bus Start/Stop Bits.............................................. 416
I2C Master Mode (7 or 10-Bit Transmission) ............ 279
I2C Master Mode (7-Bit Reception)........................... 281
I2C Stop Condition Receive or Transmit Mode ......... 283
INT Pin Interrupt.......................................................... 90
Internal Oscillator Switch Timing................................. 69
LCD Interrupt Timing in Quarter-Duty Cycle Drive.... 364
LCD Sleep Entry/Exit when SLPEN = 1 or CS = 00 . 366
PWM Auto-shutdown ................................................ 233
Firmware Restart .............................................. 233
PWM Direction Change ............................................ 230
PWM Direction Change at Near 100% Duty Cycle ... 231
PWM Output (Active-High)........................................ 225
PWM Output (Active-Low) ........................................ 226
Repeat Start Condition.............................................. 277
Reset Start-up Sequence............................................ 83
Reset, WDT, OST and Power-up Timer ................... 406
Send Break Character Sequence ............................. 317
SPI Master Mode (CKE = 1, SMP = 1) ..................... 414
SPI Mode (Master Mode).......................................... 249
SPI Slave Mode (CKE = 0) ....................................... 415
SPI Slave Mode (CKE = 1) ....................................... 415
Synchronous Reception (Master Mode, SREN) ....... 322
Synchronous Transmission....................................... 319
Synchronous Transmission (Through TXEN) ........... 319
Timer0 and Timer1 External Clock ........................... 408
Timer1 Incrementing Edge........................................ 203
Two-Speed Start-up.................................................... 72
Type-A in 1/2 MUX, 1/2 Bias Drive ........................... 353
Type-A in 1/2 MUX, 1/3 Bias Drive ........................... 355
Type-A in 1/3 MUX, 1/2 Bias Drive ........................... 357
Type-A in 1/3 MUX, 1/3 Bias Drive ........................... 359
Type-A in 1/4 MUX, 1/3 Bias Drive ........................... 361
Type-A/Type-B in Static Drive................................... 352
Type-B in 1/2 MUX, 1/2 Bias Drive ........................... 354
Type-B in 1/2 MUX, 1/3 Bias Drive ........................... 356
Type-B in 1/3 MUX, 1/2 Bias Drive ........................... 358
Type-B in 1/3 MUX, 1/3 Bias Drive........................... 360
Type-B in 1/4 MUX, 1/3 Bias Drive........................... 362
USART Synchronous Receive (Master/Slave) ......... 413
USART Synchronous Transmission (Master/Slave). 412
Wake-up from Interrupt............................................. 106
Timing Diagrams and Specifications
PLL Clock ................................................................. 405
Timing Parameter Symbology .......................................... 403
Timing Requirements
I2C Bus Data............................................................. 418
I2C Bus Start/Stop Bits............................................. 417
SPI Mode.................................................................. 416
TMR0 Register.................................................................... 33
TMR1H Register ................................................................. 33
TMR1L Register.................................................................. 33
TMR2 Register.............................................................. 33, 41
TRIS ................................................................................. 388
TRISA Register........................................................... 34, 131
TRISB Register........................................................... 34, 134
TRISC............................................................................... 136
TRISC Register........................................................... 34, 137
TRISD............................................................................... 139
TRISD Register........................................................... 34, 140
TRISE ............................................................................... 142
TRISE Register........................................................... 34, 143
TRISF ............................................................................... 145
TRISF Register ........................................................... 39, 146
TRISG............................................................................... 148
TRISG Register .......................................................... 39, 149
Two-Speed Clock Start-up Mode........................................ 71
TX2REG Register ............................................................... 42
TX2STA Register................................................................ 42
TXCON (Timer2/4/6) Register .......................................... 213
TXxREG ........................................................................... 299
TXxREG Register ............................................................... 36
TXxSTA Register ........................................................ 36, 307
BRGH Bit .................................................................. 310
U
USART
Synchronous Master Mode
Requirements, Synchronous Receive .............. 413
Requirements, Synchronous Transmission...... 413
Timing Diagram, Synchronous Receive ........... 413
Timing Diagram, Synchronous Transmission... 412
V
VREF. SEE ADC Reference Voltage
W
Wake-up on Break ............................................................ 315
Wake-up Using Interrupts ................................................. 106
Watchdog Timer (WDT)...................................................... 82
Associated Registers................................................ 110
Configuration Word w/ Watchdog Timer................... 110
Modes....................................................................... 108
Specifications ........................................................... 408
WCOL....................................................... 275, 278, 280, 282
WCOL Status Flag.................................... 275, 278, 280, 282
WDTCON Register ........................................................... 109
WPUB Register................................................................. 135
WPUG Register ................................................................ 150
Write Protection .................................................................. 59
WWW Address ................................................................. 475
WWW, On-Line Support ....................................................... 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com