Electronic Components Datasheet Search
  English  ▼

X  

SE38 Datasheet(PDF) 477 Page - Microchip Technology

Part # SE38
Description  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SE38 Datasheet(HTML) 477 Page - Microchip Technology

Back Button SE38 Datasheet HTML 470Page - Microchip Technology SE38 Datasheet HTML 471Page - Microchip Technology SE38 Datasheet HTML 472Page - Microchip Technology SE38 Datasheet HTML 473Page - Microchip Technology SE38 Datasheet HTML 474Page - Microchip Technology SE38 Datasheet HTML 475Page - Microchip Technology SE38 Datasheet HTML 476Page - Microchip Technology SE38 Datasheet HTML 477Page - Microchip Technology SE38 Datasheet HTML 478Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 477 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 477
PIC16(L)F1946/47
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Examples:
a)
PIC16LF1946 - E/MR = Extended temp., QFN
package
b)
PIC16F1947 - I/PT = Industrial temp., TQFP
package
c)
PIC16LF1947T - I/MR 301 = Tape and Reel,
Industrial temp., QFN package, QTP pattern
#301
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This
identifier is used for ordering purposes and is
not printed on the device package. Check
with your Microchip Sales Office for package
availability with the Tape and Reel option.
Device:
PIC16F1946, PIC16LF1946,
PIC16F1947, PIC16LF1947
Tape and Reel
Option:
Blank = Standard packaging (tube or tray)
T
= Tape and Reel(1)
Temperature
Range:
I= -40
C to +85C(Industrial)
E= -40
C to +125C
(Extended)
Package:
MR
= Micro Lead Frame (QFN)
PT
= TQFP (Thin Quad Flatpack)
Pattern:
QTP, SQTP, Code or Special Requirements
(blank otherwise)
PART NO.
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
[X](1)
Tape and Reel
Option
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com