Electronic Components Datasheet Search
  English  ▼

X  

MCP4531 Datasheet(PDF) 56 Page - Microchip Technology

Part # MCP4531
Description  7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4531 Datasheet(HTML) 56 Page - Microchip Technology

Back Button MCP4531 Datasheet HTML 52Page - Microchip Technology MCP4531 Datasheet HTML 53Page - Microchip Technology MCP4531 Datasheet HTML 54Page - Microchip Technology MCP4531 Datasheet HTML 55Page - Microchip Technology MCP4531 Datasheet HTML 56Page - Microchip Technology MCP4531 Datasheet HTML 57Page - Microchip Technology MCP4531 Datasheet HTML 58Page - Microchip Technology MCP4531 Datasheet HTML 59Page - Microchip Technology MCP4531 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 102 page
background image
MCP453X/455X/463X/465X
DS22096B-page 56
 2008-2013 Microchip Technology Inc.
7.5
Read Data
Normal and High Voltage
The Read command can be issued to both the volatile
and nonvolatile memory locations. The format of the
command (see Figure 7-4) includes the Start condi-
tion, I2C Control Byte (with R/W bit set to “0”), A bit,
MCP4XXX Command Byte, A bit, followed by a
Repeated Start bit, I2C Control Byte (with R/W bit set to
“1”), and the MCP4XXX transmitting the requested
Data High Byte, A bit, the Data Low Byte, the Master
generating the A, and Stop condition.
The I2C Control Byte requires the R/W bit equal to a
logic one (R/W = 1) to generate a read sequence. The
memory location read will be the last address
contained in a valid write MCP4XXX Command Byte or
address 00h, if no write operations have occurred since
the device was reset (Power-on Reset or Brown-out
Reset).
Read operations initially include the same address byte
sequence as the write sequence (shown in Figure 6-9).
This sequence is followed by another control byte
(including the Start condition and Acknowledge) with
the R/W bit equal to a logic one (R/W = 1) to indicate a
read. The MCP4XXX will then transmit the data con-
tained in the addressed register. This is followed by the
master generating an A bit in preparation for more data,
or an A bit followed by a Stop. The sequence is ended
with the master generating a Stop or Restart condition.
The internal address pointer is maintained.
7.5.1
SINGLE READ
Figure 7-4 shows the waveforms for a single read.
For single reads, the master sends a STOP or
RESTART condition after the data byte is sent from the
slave.
7.5.1.1
Random Read
Figure 7-5 shows the sequence for a Random Reads.
Refer to Figure 7-5 for the random byte read
sequence.
7.5.2
CONTINUOUS READS
Continuous reads allow the device’s memory to be
read quickly. Continuous reads are possible to all mem-
ory locations. If a nonvolatile memory write cycle is
occurring, then Read commands may only access the
volatile memory locations.
Figure 7-6 shows the sequence for three continuous
reads.
For continuous reads, instead of transmitting a STOP
or RESTART condition after the data transfer, the mas-
ter reads the next data byte. The sequence ends with
the master Not Acknowledging and then sending a
STOP or RESTART.
7.5.3
THE HIGH VOLTAGE COMMAND
(HVC) SIGNAL
The
High
Voltage
Command
(HVC)
signal
is
multiplexed with Address 0 (A0) and is used to indicate
that the command, or sequence of commands, are in
the High Voltage mode. High Voltage commands allow
the device’s WiperLock Technology, and write protect
features to be enabled and disabled.
The HVC pin has an internal resistor connection to the
MCP4XXXs internal VDD signal.
7.5.4
IGNORING AN I2C TRANSMISSION AND
“FALLING OFF” THE BUS
The MCP4XXX expects to receive entire, valid I2C
commands, and will assume any command not
defined as a valid command is due to a bus corruption,
and will enter a passive high condition on the SDA sig-
nal. All signals will be ignored until the next valid Start
condition and Control Byte are received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com