Electronic Components Datasheet Search
  English  ▼

X  

MCP1650 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP1650
Description  750 kHz Boost Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1650 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP1650_13 Datasheet HTML 4Page - Microchip Technology MCP1650_13 Datasheet HTML 5Page - Microchip Technology MCP1650_13 Datasheet HTML 6Page - Microchip Technology MCP1650_13 Datasheet HTML 7Page - Microchip Technology MCP1650_13 Datasheet HTML 8Page - Microchip Technology MCP1650_13 Datasheet HTML 9Page - Microchip Technology MCP1650_13 Datasheet HTML 10Page - Microchip Technology MCP1650_13 Datasheet HTML 11Page - Microchip Technology MCP1650_13 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
MCP1650/51/52/53
DS21876B-page 8
 2004-2013 Microchip Technology Inc.
Note: Unless otherwise indicated, VIN = 3.3V, VOUT = 12V, CIN = 10 µF (x5R or X7R Ceramic), COUT = 10 µF (X5R or X7R),
IOUT = 10 mA, L = 3.3 µH, SHDN > VIH, TA = +25°C.
FIGURE 2-7:
EXT Sink and Source
Current vs. Input Voltage.
FIGURE 2-8:
EXT Sink and Source
Current vs. Ambient Temperature.
FIGURE 2-9:
EXT Rise and Fall Times vs.
External Capacitance.
FIGURE 2-10:
Feedback Voltage vs. Input
Voltage.
FIGURE 2-11:
Feedback Voltage
Hysteresis vs. Input Voltage.
FIGURE 2-12:
Dynamic Load Response.
0.0
0.2
0.4
0.6
0.8
1.0
2.7
3.0
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
5.7
6.0
Input Voltage (V)
ISINK
ISOURCE
TA = +25°C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-40
-25
-10
5
20
35
50
65
80
95
110 125
Ambient Temperature (°C)
ISINK
ISOURCE
VIN = 3.3V
0
10
20
30
40
50
60
70
80
100
150
200
250
300
350
400
450
500
External Capacitance (pF)
5VFALL
2.7VRISE
5VRISE
2.7VFALL
1.205
1.210
1.215
1.220
1.225
1.230
2
2.5
33.544.555.5
6
Input Voltage (V)
TJ = - 40°C
TJ = +25°C
TJ = +125°C
0
2
4
6
8
10
12
14
16
18
2.7
3
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
5.7
6
Input Voltage (V)
TJ = - 40°C
TJ = +25°C
TJ = +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com