Electronic Components Datasheet Search
  English  ▼

X  

MCP1650 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP1650
Description  750 kHz Boost Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1650 Datasheet(HTML) 1 Page - Microchip Technology

  MCP1650_13 Datasheet HTML 1Page - Microchip Technology MCP1650_13 Datasheet HTML 2Page - Microchip Technology MCP1650_13 Datasheet HTML 3Page - Microchip Technology MCP1650_13 Datasheet HTML 4Page - Microchip Technology MCP1650_13 Datasheet HTML 5Page - Microchip Technology MCP1650_13 Datasheet HTML 6Page - Microchip Technology MCP1650_13 Datasheet HTML 7Page - Microchip Technology MCP1650_13 Datasheet HTML 8Page - Microchip Technology MCP1650_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
 2004-2013 Microchip Technology Inc.
DS21876B-page 1
MCP1650/51/52/53
Features
• Output Power Capability Over 5 Watts
• Output Voltage Capability From 3.3V to Over
100V
• 750 kHz Gated Oscillator Switching Frequency
• Adaptable Duty Cycle for Battery or Wide-Input,
Voltage-Range Applications
• Input Voltage Range: 2.0V to 5.5V
• Capable of SEPIC and Flyback Topologies
• Shutdown Control with IQ < 0.1 µA (Typical)
• Low Operating Quiescent Current: IQ = 120 µA
• Voltage Feedback Tolerance (0.6%, Typical)
• Popular MSOP-8 Package
• Peak Current Limit Feature
• Two Undervoltage Lockout (UVLO) Options:
- 2.0V or 2.55V
• Operating Temperature Range: -40°C to +125°C
Applications
• High-Power Boost Applications
• High-Voltage Bias Supplies
• White LED Drivers and Flashlights
• Local 3.3V to 5.0V Supplies
• Local 3.3V to 12V Supplies
• Local 5.0V to 12V Supplies
• LCD Bias Supply
Description
The MCP1650/51/52/53 is a 750 kHz gated oscillator
boost controller packaged in an 8 or 10-pin MSOP
package. Developed for high-power, portable applica-
tions, the gated oscillator controller can deliver 5 watts
of power to the load while consuming only 120 µA of
quiescent current at no load. The MCP1650/51/52/53
can operate over a wide input voltage range (2.0V to
5.5V) to accommodate multiple primary-cell and single-
cell Li-Ion battery-powered applications, in addition to
2.8V, 3.3V and 5.0V regulated input voltages.
An internal 750 kHz gated oscillator makes the
MCP1650/51/52/53 ideal for space-limited designs.
The high switching frequency minimizes the size of the
external inductor and capacitor, saving board space
and cost. The internal oscillator operates at two differ-
ent duty cycles depending on the level of the input volt-
age. By changing duty cycle in this fashion, the peak
input current is reduced at high input voltages, reducing
output ripple voltage and electrical stress on power
train components. When the input voltage is low, the
duty cycle changes to a larger value in order to provide
full-power capability at a wide input voltage range
typical of battery-powered, portable applications.
The MCP1650/51/52/53 was designed to drive external
switches
directly
using
internal
low-resistance
MOSFETs.
Additional features integrated on the MCP1650/51/52/
53 family include peak input current limit, adjustable
output voltage/current, low battery detection and
power-good indication.
Package Types
10-Pin MSOP
EXT
GND
CS
FB
VIN
NC
NC
SHDN
1
2
3
4
8
7
6
5
8-Pin MSOP
GND
CS
FB
NC
PG
LBO
LBI
SHDN
2
3
4
5
9
8
7
6
EXT
VIN
1
10
EXT
GND
CS
FB
VIN
PG
NC
SHDN
1
2
3
4
8
7
6
5
8-Pin MSOP
EXT
GND
CS
FB
VIN
LBO
LBI
SHDN
1
2
3
4
8
7
6
5
8-Pin MSOP
750 kHz Boost Controller


Similar Part No. - MCP1650_13

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1650 MICROCHIP-MCP1650_10 Datasheet
863Kb / 20P
Adding Intelligence to Lighting Applications
Summer 2010
More results

Similar Description - MCP1650_13

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TP-104 MACOM-TP-104 Datasheet
106Kb / 1P
RF Pulse Transformer 750 kHz - 400 MHz
logo
ON Semiconductor
CS5171 ONSEMI-CS5171 Datasheet
184Kb / 22P
1.5 A 280 kHz/560 kHz Boost Regulators
June, 2004 ??Rev. 20
NCP1442 ONSEMI-NCP1442 Datasheet
163Kb / 20P
4.0 A 280 kHz/560 kHz Boost Regulators
October, 2004 ??Rev. 7
logo
Microchip Technology
MCP1650 MICROCHIP-MCP1650 Datasheet
582Kb / 28P
750 kHz Boost Controller
2004
logo
MTRONPTI
SF1001 MTRONPTI-SF1001 Datasheet
340Kb / 2P
140 MHz 750 kHz SAW Filter
logo
ON Semiconductor
CS5171 ONSEMI-CS5171_06 Datasheet
230Kb / 21P
1.5 A 280 kHz/560 kHz Boost Regulators
October, 2006 ??Rev. 22
logo
M/A-COM Technology Solu...
TP-104 MA-COM-TP-104 Datasheet
60Kb / 2P
RF Pulse Transformer, 750 KHz - 400 MHz
logo
ON Semiconductor
NCV5171 ONSEMI-NCV5171_10 Datasheet
262Kb / 19P
1.5 A 280 kHz/560 kHz Boost Regulators
January, 2010 ??Rev. 4
NCV5171 ONSEMI-NCV5171_11 Datasheet
238Kb / 19P
1.5 A 280 kHz/560 kHz Boost Regulators
October, 2011 ??Rev. 4
logo
Microchip Technology
MCP1651S-E-MS MICROCHIP-MCP1651S-E-MS Datasheet
483Kb / 30P
750 kHz Boost Controller
11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com