Electronic Components Datasheet Search
  English  ▼

X  

MCP16251 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP16251
Description  Low Quiescent Current, PFM/PWM Synchronous Boost Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16251 Datasheet(HTML) 4 Page - Microchip Technology

  MCP16251 Datasheet HTML 1Page - Microchip Technology MCP16251 Datasheet HTML 2Page - Microchip Technology MCP16251 Datasheet HTML 3Page - Microchip Technology MCP16251 Datasheet HTML 4Page - Microchip Technology MCP16251 Datasheet HTML 5Page - Microchip Technology MCP16251 Datasheet HTML 6Page - Microchip Technology MCP16251 Datasheet HTML 7Page - Microchip Technology MCP16251 Datasheet HTML 8Page - Microchip Technology MCP16251 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
MCP16251/2
DS25173A-page 4
 2013 Microchip Technology Inc.
NMOS Switch Leakage
INLK
—
0.15
—
µA
VIN = VSW = 5V 
VOUT = 5.5V
VEN = VFB = GND
PMOS Switch Leakage
IPLK
—
0.15
—
µA
VIN = VSW = GND;
VOUT = 5.5V
NMOS Switch
ON Resistance
RDS(ON)N
—
0.45
—
VIN = 3.3V, ISW = 100 mA
PMOS Switch
ON Resistance
RDS(ON)P
—
0.9
—
VIN = 3.3V, ISW = 100 mA
NMOS Peak
Switch Current Limit
IN(MAX)
—
650
—
mA
Note 5
VOUT Accuracy
VOUT%
-3
—
+3
%
Includes Line and Load
Regulation; VIN = 1.5V
Line Regulation
(V
OUT/VOUT)
/
V
IN
-0.4
0.3
0.4
%/V
VIN = 1.5V to 2.8V
IOUT = 50 mA
Load Regulation
V
OUT/VOUT
-1.5
0.1
1.5
%
IOUT = 25 mA to 100 mA;
VIN = 1.5V
Maximum Duty Cycle
DCMAX
87
89
91
%
Note 5
Switching Frequency
fSW
425
500
575
kHz
EN Input Logic High
VIH
70
—
—
%of VIN IOUT = 1 mA
EN Input Logic Low
VIL
—
—
20
%of VIN IOUT = 1 mA
EN Input Leakage Current
IENLK
—
5.0
—
nA
VEN = 5V
Soft Start Time
tSS
—
—
1.5
ms
EN Low to High,
90% of VOUT; Note 4, Note 5
Thermal Shutdown
Die Temperature
TSD
—
160
—
C
IOUT = 20 mA, VIN > 1.4V
Die Temperature
Hysteresis
TSDHYS
—
20
—
C
DC CHARACTERISTICS (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, VIN = 1.5V, COUT = CIN = 10 µF, L = 4.7 µH, VOUT = 3.3V, IOUT = 0 mA, 
TA = +25°C. Boldface specifications apply over the TA range of -40
oC to +85oC.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
3.3 k
 resistive load, 3.3V
OUT (1 mA).
2:
For VIN > VOUT, VOUT will not remain in regulation.
3:
IQOUT is measured at VOUT, VOUT is external supplied for VOUT > VIN (device is not switching), IQIN is
measured at VIN pin during Sleep period, no load.
4:
220
 resistive load, 3.3V
OUT (15 mA).
5:
Determined by characterization, not production tested.
TEMPERATURE SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, VIN = 1.5V, COUT = CIN = 10 µF, L = 4.7 µH, VOUT = 3.3V, IOUT = 0 mA.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Operating Temperature Range
TJ
-40
—
+85
°C
Steady State
Storage Temperature Range
TA
-65
—
+150
°C
Maximum Junction Temperature
TJ
—
—
+150
°C
Transient
Package Thermal Resistances
Thermal Resistance, 5L-SOT-23
JA
—
220.7
—
°C/W
EIA/JESD51-3 Standard
Thermal Resistance, 8L-2x3 TDFN
JA
—
52.5
—
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com