Electronic Components Datasheet Search
  English  ▼

X  

MCP16251 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP16251
Description  Low Quiescent Current, PFM/PWM Synchronous Boost Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16251 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP16251 Datasheet HTML 3Page - Microchip Technology MCP16251 Datasheet HTML 4Page - Microchip Technology MCP16251 Datasheet HTML 5Page - Microchip Technology MCP16251 Datasheet HTML 6Page - Microchip Technology MCP16251 Datasheet HTML 7Page - Microchip Technology MCP16251 Datasheet HTML 8Page - Microchip Technology MCP16251 Datasheet HTML 9Page - Microchip Technology MCP16251 Datasheet HTML 10Page - Microchip Technology MCP16251 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
 2013 Microchip Technology Inc.
DS25173A-page 7
MCP16251/2
Note: Unless otherwise indicated, VIN = EN = 1.5V, COUT = CIN = 10 µF, L = 4.7 µH, VOUT = 3.3V, ILOAD = 0 mA,
TA = +25°C, SOT-23 package.
FIGURE 2-13:
1.8VOUT Minimum Start-up
and Shutdown VIN into Resistive Load vs. IOUT.
FIGURE 2-14:
3.3VOUT Minimum Start-up
and Shutdown VIN into Resistive Load vs. IOUT.
FIGURE 2-15:
5.0VOUT Minimum Start-Up
and Shutdown VIN into Resistive Load vs. IOUT.
FIGURE 2-16:
N-Channel and P-Channel
RDSON vs. the maximum VIN or VOUT.
FIGURE 2-17:
Average PFM/PWM
Threshold Current vs. VIN.
FIGURE 2-18:
MCP16251 3.3V VOUT PFM
Mode Waveforms.
0.3
0.5
0.7
0.9
1.1
1.3
0
102030405060708090
Load Current (mA)
Shutdown
Startup
V
OUT =1.8V
0.3
0.5
0.7
0.9
1.1
1.3
0
102030405060708090
100
Load Current (mA)
Shutdown
Startup
V
OUT = 3.3V
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
0
102030405060708090 100
Load Current (mA)
Shutdown
Startup
V
OUT = 5.0V
3
4
5
6
7
8
P - Channel
0
1
2
0.9 1.2 1.5 1.8 2.1 2.4 2.7
3
3.3 3.6 3.9 4.2
> V
IN or VOUT
N - Channel
20
25
30
35
40
45
V
OUT = 5.0V
V
OUT = 3.3V
V
OUT = 2.0V
5
10
15
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
4.4
Input Voltage (V)
VOUT 100 mV/div
AC Coupled
IOUT =1 mA
IL 100 mA/div
VSW
200 µs/div
2 V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com