Electronic Components Datasheet Search
  English  ▼

X  

MCP73844 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP73844
Description  Advanced Single or Dual Cell Lithium-Ion/ Lithium-Polymer Charge Management Controllers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73844 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP73844 Datasheet HTML 10Page - Microchip Technology MCP73844 Datasheet HTML 11Page - Microchip Technology MCP73844 Datasheet HTML 12Page - Microchip Technology MCP73844 Datasheet HTML 13Page - Microchip Technology MCP73844 Datasheet HTML 14Page - Microchip Technology MCP73844 Datasheet HTML 15Page - Microchip Technology MCP73844 Datasheet HTML 16Page - Microchip Technology MCP73844 Datasheet HTML 17Page - Microchip Technology MCP73844 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
MCP73841/2/3/4
DS21823D-page 14
 2003-2013 Microchip Technology Inc.
5.1.6
BATTERY VOLTAGE SENSE (VBAT)
The MCP7384X monitors the battery voltage at the
VBAT pin. This input is tied directly to the positive
terminal of the battery. The MCP7384X is offered in
four fixed-voltage versions for single or dual series cell
battery packs, with either coke or graphite anodes:
- 4.1V (MCP73841-4.1, MCP73843-4.1)
- 4.2V (MCP73841-4.2, MCP73843-4.2)
- 8.2V (MCP73842-8.2, MCP73844-8.2)
- 8.4V (MCP73842-8.4, MCP73844-8.4)
5.1.7
DRIVE OUTPUT (DRV)
The MCP7384X controls the gate drive to an external
P-channel MOSFET. The P-channel MOSFET is
controlled in the linear region regulating current and
voltage supplied to the cell. The drive output is
automatically turned off when the voltage on the VDD
input falls below the undervoltage lockout voltage
(VSTOP).
5.2
Digital Circuitry
5.2.1
CHARGE STATUS OUTPUT (STAT1)
A status output provides information on the state-of-
charge. The current-limited, open-drain output can be
used to illuminate an external LED. Optionally, a pull-up
resistor can be used on the output for communication
with a host microcontroller. Table 5-1 summarizes the
state of the status output during a charge cycle.
TABLE 5-1:
STATUS OUTPUTS
The flashing rate (1 Hz) is based off a timer capacitor
(CTIMER) of 0.1 µF. The rate will vary based on the
value of the timer capacitor.
5.2.2
LOGIC ENABLE (EN)
The logic-enable input pin (EN) can be used to
terminate a charge anytime during the charge cycle,
initiate a charge cycle or initiate a recharge cycle.
Applying a logic-high input signal to the EN pin, or tying
it to the input source, enables the device. Applying a
logic-low
input
signal
disables
the
device
and
terminates a charge cycle. When disabled, the device’s
supply current is reduced to 0.25 µA, typically.
Charge Cycle State
Stat1
Qualification
OFF
Preconditioning
ON
Constant-Current Fast
Charge
ON
Constant-Voltage
ON
Charge Complete
OFF
Safety Timer Fault
Flashing
(1 Hz, 50% duty cycle)
Cell Temperature Invalid
Flashing
(1 Hz, 50% duty cycle)
Disabled - Sleep mode
OFF
Battery Disconnected
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com