Electronic Components Datasheet Search
  English  ▼

X  

MCP73844 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP73844
Description  Advanced Single or Dual Cell Lithium-Ion/ Lithium-Polymer Charge Management Controllers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73844 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP73844 Datasheet HTML 13Page - Microchip Technology MCP73844 Datasheet HTML 14Page - Microchip Technology MCP73844 Datasheet HTML 15Page - Microchip Technology MCP73844 Datasheet HTML 16Page - Microchip Technology MCP73844 Datasheet HTML 17Page - Microchip Technology MCP73844 Datasheet HTML 18Page - Microchip Technology MCP73844 Datasheet HTML 19Page - Microchip Technology MCP73844 Datasheet HTML 20Page - Microchip Technology MCP73844 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
 2003-2013 Microchip Technology Inc.
DS21823D-page 17
MCP73841/2/3/4
Worst-case VGS with a 5V, ±10% input voltage source
and a maximum sink voltage of 1.0V is:
At this worst-case (VGS) the RDSON of the MOSFET
must be low enough as to not impede the performance
of the charging system. The maximum allowable
RDSON at the worst-case VGS is:
The Fairchild NDS8434 and International Rectifier
IRF7404 both satisfy these requirements.
6.1.1.3
EXTERNAL CAPACITORS
The MCP7384X are stable with or without a battery
load. In order to maintain good AC stability in the
Constant-Voltage mode, a minimum capacitance of
4.7 µF is recommended to bypass the VBAT pin to VSS.
This capacitance provides compensation when there is
no
battery
load.
Additionally,
the
battery
and
interconnections appear inductive at high frequencies.
These elements are in the control feedback loop during
Constant-Voltage
mode.
Therefore,
the
bypass
capacitance may be necessary to compensate for the
inductive nature of the battery pack.
Virtually any good quality output filter capacitor can be
used, independent of the capacitor’s minimum ESR
(Effective Series Resistance) value. The actual value of
the capacitor and its associated ESR depends on the
forward transconductance (gm) and capacitance of the
external pass transistor. A 4.7 µF tantalum or aluminum
electrolytic capacitor at the output is usually sufficient
to ensure stability for up to a 1A output current.
6.1.1.4
REVERSE-BLOCKING PROTECTION
The
optional
reverse-blocking
protection
diode,
depicted in Figure 6-1, provides protection from a
faulted or shorted input, or from a reversed-polarity
input source. Without the protection diode, a faulted or
shorted input would discharge the battery pack through
the body diode of the external pass transistor.
If a reverse-protection diode is incorporated into the
design, it should be chosen to handle the fast charge
current
continuously
at
the
maximum
ambient
temperature. In addition, the reverse-leakage current
of the diode should be kept as small as possible.
6.1.1.5
ENABLE INTERFACE
In the stand-alone configuration, the enable pin is
generally tied to the input voltage. The MCP7384X
automatically enters a Low-power mode when voltage
on the VDD input falls below the undervoltage lockout
voltage (VSTOP), reducing the battery drain current to
0.4 µA, typically.
6.1.1.6
CHARGE STATUS INTERFACE
A status output provides information on the state of
charge. The current-limited, open-drain output can be
used to illuminate an external LED. Refer to Table 5-1
for a summary of the state of the status output during a
charge cycle.
6.2
PCB Layout Issues
For optimum voltage regulation, place the battery pack
as close as possible to the device’s VBAT and VSS pins.
This is recommended to minimize voltage drops along
the high current-carrying PCB traces.
If the PCB layout is used as a heatsink, adding many
vias around the external pass transistor can help
conduct more heat to the back plane of the PCB, thus
reducing the maximum junction temperature.
V
GS
1.0V
4.5V
120mV
–

–
3.38V
–
==
R
DSON
V
DDMIN
V
FC SMAX
–
V
BATMAX
–
I
REGMAX
-------------------------------------------------------------------------------
=
R
DSON
4.5V
120 115
mV
–
4.221V
–
551 581
mA
-------------------------------------------------------------------------
288m
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com