Electronic Components Datasheet Search
  English  ▼

X  

MCP79412 Datasheet(PDF) 36 Page - Microchip Technology

Part # MCP79412
Description  Battery-Backed I2C??Real-Time Clock/Calendar with EEPROM and Unique ID
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79412 Datasheet(HTML) 36 Page - Microchip Technology

Back Button MCP79412 Datasheet HTML 32Page - Microchip Technology MCP79412 Datasheet HTML 33Page - Microchip Technology MCP79412 Datasheet HTML 34Page - Microchip Technology MCP79412 Datasheet HTML 35Page - Microchip Technology MCP79412 Datasheet HTML 36Page - Microchip Technology MCP79412 Datasheet HTML 37Page - Microchip Technology MCP79412 Datasheet HTML 38Page - Microchip Technology MCP79412 Datasheet HTML 39Page - Microchip Technology MCP79412 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
MCP79410/MCP79411/MCP79412
DS20002266E-page 36
 2010-2013 Microchip Technology Inc.
9.1.3
ACKNOWLEDGE POLLING
Since the device will not acknowledge an EEPROM
command during an EEPROM write cycle, this can be
used to determine when the cycle is complete. This
feature can be used to maximize bus throughput. Once
the Stop condition for a Write command has been
issued from the master, the device initiates the
internally timed write cycle. ACK polling can be initiated
immediately. This involves the master sending a Start
condition, followed by the control byte for a Write
command (R/W = 0). If the device is still busy with the
write cycle, then no ACK will be returned. If no ACK is
returned, then the Start bit and control byte must be
resent. If the cycle is complete, then the device will
return the ACK, and the master can then proceed with
the next Read or Write command. See Figure 9-4 for
the flow diagram.
FIGURE 9-4:
ACKNOWLEDGE
POLLING FLOW
Send
EE Write Command
Send Stop
Condition to
Initiate EE Write Cycle
Send Start
Send Control Byte
with R/W = 0
Did Device
Acknowledge
(ACK = 0)?
Next
Operation
NO*
YES
Note*: For added system robustness, implement
time-out checking to avoid a potential infinite loop.
Note:
For added systems robustness, it is
recommended that time-out functionality
be implemented in the acknowledge poll-
ing routine to avoid potentially hanging the
system by entering an infinite loop. This
can easily be done by designing in a
maximum number of loops the routine will
execute, or through the use of a hardware
timer
If a time out occurs, polling should be
aborted by sending a Stop condition. A
user-generated error-handling routine can
then be called, allowing the system to
recover in a manner appropriate for the
application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com