Electronic Components Datasheet Search
  English  ▼

X  

MCP79412 Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP79412
Description  Battery-Backed I2C??Real-Time Clock/Calendar with EEPROM and Unique ID
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79412 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP79412 Datasheet HTML 11Page - Microchip Technology MCP79412 Datasheet HTML 12Page - Microchip Technology MCP79412 Datasheet HTML 13Page - Microchip Technology MCP79412 Datasheet HTML 14Page - Microchip Technology MCP79412 Datasheet HTML 15Page - Microchip Technology MCP79412 Datasheet HTML 16Page - Microchip Technology MCP79412 Datasheet HTML 17Page - Microchip Technology MCP79412 Datasheet HTML 18Page - Microchip Technology MCP79412 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
 2010-2013 Microchip Technology Inc.
DS20002266E-page 15
MCP79410/MCP79411/MCP79412
REGISTER 5-5:
DATE 0X04
U-0
U-0
R/W-0
R/W-1
—
—
10 Date
Date
bit 7
bit 6
bit 5
bit 4
bit 3
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
“0” = Bit is clear
“X” = Bit is unknown
bit 7-6
Unimplemented: Read as ‘0’
bit 5-4
10 DATE<1:0>: Binary-Coded Decimal Value of Dates’s Tens Digit
Contains a value from 0 to 3
bit 3-0
DATE<3:0>: Binary-Coded Decimal Value of Dates’s Ones Digit
Contains a value from 0 to 9
REGISTER 5-6:
MONTH 0X05
U-0
U-0
R-0
R/W-0
R/W-1
—
—
LP
10 Month
Month
bit 7
bit 6
bit 5
bit 4
bit 3
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
“0” = Bit is clear
“X” = Bit is unknown
bit 7-6
Unimplemented: Read as ‘0’
bit 5
LP: Leap Year, Set During a Leap Year and is Read-Only
1 = Year is a leap year
0 = Year is not a leap year
bit 4
10 MONTH: Binary-Coded Decimal Value of Month’s Tens Digit
Contains a value of 0 or 1
bit 3-0
MONTH<3:0>: Binary-Coded Decimal Value of Month’s Ones Digit
Contains a value from 0 to 9
REGISTER 5-7:
YEAR 0X06
R/W-0
R/W-1
10 Year
Year
bit 7
bit 4 bit 3
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
“0” = Bit is clear
“X” = Bit is unknown
bit 7-4
10 YEAR<3:0>: Binary-Coded Decimal Value of Year’s Tens Digit
Contains a value from 0 to 9
bit 3-0
YEAR<3:0>: Binary-Coded Decimal Value of Year’s Ones Digit
Contains a value from 0 to 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com