Electronic Components Datasheet Search
  English  ▼

X  

QG5000XSL9TH Datasheet(PDF) 32 Page - Intel Corporation

Part # QG5000XSL9TH
Description  Intel 5000X Chipset Memory Controller Hub (MCH)
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

QG5000XSL9TH Datasheet(HTML) 32 Page - Intel Corporation

Back Button QG5000XSL9TH Datasheet HTML 28Page - Intel Corporation QG5000XSL9TH Datasheet HTML 29Page - Intel Corporation QG5000XSL9TH Datasheet HTML 30Page - Intel Corporation QG5000XSL9TH Datasheet HTML 31Page - Intel Corporation QG5000XSL9TH Datasheet HTML 32Page - Intel Corporation QG5000XSL9TH Datasheet HTML 33Page - Intel Corporation QG5000XSL9TH Datasheet HTML 34Page - Intel Corporation QG5000XSL9TH Datasheet HTML 35Page - Intel Corporation QG5000XSL9TH Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 458 page
background image
Signal Description
32
Intel® 5000X Chipset Memory Controller Hub (MCH) Datasheet
2.3.5
PCI Express* Graphics Port
In the Intel 5000X chipset MCH PCI Express ports 4, 5, 6, and 7 are combined to form
a single high performance x16 graphics port.
Signal Name
Type
Description
PE4RP[3:0]
I
PCI Express* Graphics Port First x4, Positive Phase Inbound (Receive) Signals:
PE4RN[3:0]
I
PCI Express Graphics Port First x4, Negative Phase Inbound (Receive) Signals:
PE4TP[3:0]
O
PCI Express Graphics Port First x4, Positive Phase Outbound (Transmit) Signals:
PE4TN[3:0]
O
PCI Express Graphics Port First x4, Negative Phase Outbound (Transmit) Signals:
PE5RP[3:0]
I
PCI Express Graphics Port Second x4, Positive Phase Inbound (Receive) Signals:
PE5RN[3:0]
I
PCI Express Graphics Port Second x4, Negative Phase Inbound (Receive) Signals:
PE5TP[3:0]
O
PCI Express Graphics Port Second x4, Positive Phase Outbound (Transmit) Signals:
PE5TN[3:0]
O
PCI Express Graphics Port Second x4, Negative Phase Outbound (Transmit) Signals:
PE6RP[3:0]
I
PCI Express Graphics Port Third x4, Positive Phase Inbound (Receive) Signals:
PE6RN[3:0]
I
PCI Express Graphics Port Third x4, Negative Phase Inbound (Receive) Signals:
PE6TP[3:0]
O
PCI Express Graphics Port Third x4, Positive Phase Outbound (Transmit) Signals:
PE6TN[3:0]
O
PCI Express Graphics Port Third x4, Negative Phase Outbound (Transmit) Signals:
PE7RP[3:0]
I
PCI Express Graphics Port Fourth x4, Positive Phase Inbound (Receive) Signals:
PE7RN[3:0]
I
PCI Express Graphics Port Fourth x4, Negative Phase Inbound (Receive) Signals:
PE7TP[3:0]
O
PCI Express Graphics Port Fourth x4, Positive Phase Outbound (Transmit) Signals:
PE7TN[3:0]
O
PCI Express Graphics Port Fourth x4, Negative Phase Outbound (Transmit) Signals:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com