Electronic Components Datasheet Search
  English  ▼

X  

PIC12CE673 Datasheet(PDF) 5 Page - Microchip Technology

Part # PIC12CE673
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673 Datasheet(HTML) 5 Page - Microchip Technology

  PIC12CE673 Datasheet HTML 1Page - Microchip Technology PIC12CE673 Datasheet HTML 2Page - Microchip Technology PIC12CE673 Datasheet HTML 3Page - Microchip Technology PIC12CE673 Datasheet HTML 4Page - Microchip Technology PIC12CE673 Datasheet HTML 5Page - Microchip Technology PIC12CE673 Datasheet HTML 6Page - Microchip Technology PIC12CE673 Datasheet HTML 7Page - Microchip Technology PIC12CE673 Datasheet HTML 8Page - Microchip Technology PIC12CE673 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 130 page
background image
 1997-2013 Microchip Technology Inc.
DS30561C-page 5
PIC12C67X
2.0
PIC12C67X DEVICE VARIETIES
A variety of frequency ranges and packaging options
are available. Depending on application and production
requirements, the proper device option can be selected
using the information in the PIC12C67X Product Iden-
tification System section at the end of this data sheet.
When placing orders, please use that page of the data
sheet to specify the correct part number.
For example, the PIC12C67X device “type” is indicated
in the device number:
1.
C, as in PIC12C671. These devices have
EPROM type memory and operate over the
standard voltage range.
2.
LC, as in PIC12LC671. These devices have
EPROM type memory and operate over an
extended voltage range.
3.
CE, as in PIC12CE674. These devices have
EPROM type memory, EEPROM data memory
and operate over the standard voltage range.
4.
LCE, as in PIC12LCE674. These devices have
EPROM type memory, EEPROM data memory
and operate over an extended voltage range.
2.1
UV Erasable Devices
The UV erasable version, offered in windowed pack-
age, is optimal for prototype development and pilot pro-
grams.
The UV erasable version can be erased and repro-
grammed
to
any
of
the
configuration
modes.
Microchip's PICSTARTPlus and PRO MATEpro-
grammers both support the PIC12C67X. Third party
programmers also are available; refer to the Microchip
Third Party Guide for a list of sources.
2.2
One-Time-Programmable (OTP)
Devices
The availability of OTP devices is especially useful for
customers who need the flexibility for frequent code
updates and small volume applications.
The OTP devices, packaged in plastic packages, per-
mit the user to program them once. In addition to the
program memory, the configuration bits must also be
programmed.
Note:
Please note that erasing the device will
also erase the pre-programmed internal
calibration value for the internal oscillator.
The calibration value must be saved prior
to erasing the part.
2.3
Quick-Turn-Programming (QTP)
Devices
Microchip offers a QTP Programming Service for fac-
tory production orders. This service is made available
for users who choose not to program a medium to high
quantity of units and whose code patterns have stabi-
lized. The devices are identical to the OTP devices, but
with all EPROM locations and configuration options
already programmed by the factory. Certain code and
prototype verification procedures apply before produc-
tion shipments are available. Please contact your local
Microchip Technology sales office for more details.
2.4
Serialized Quick-Turn Programming
(SQTPSM) Devices
Microchip offers a unique programming service where
a few user-defined locations in each device are pro-
grammed with different serial numbers. The serial num-
bers may be random, pseudo-random, or sequential.
Serial programming allows each device to have a
unique number which can serve as an entry-code,
password, or ID number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com