Electronic Components Datasheet Search
  English  ▼

X  

PIC12CE673 Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC12CE673
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673 Datasheet(HTML) 1 Page - Microchip Technology

  PIC12CE673 Datasheet HTML 1Page - Microchip Technology PIC12CE673 Datasheet HTML 2Page - Microchip Technology PIC12CE673 Datasheet HTML 3Page - Microchip Technology PIC12CE673 Datasheet HTML 4Page - Microchip Technology PIC12CE673 Datasheet HTML 5Page - Microchip Technology PIC12CE673 Datasheet HTML 6Page - Microchip Technology PIC12CE673 Datasheet HTML 7Page - Microchip Technology PIC12CE673 Datasheet HTML 8Page - Microchip Technology PIC12CE673 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 130 page
background image
 1997-2013 Microchip Technology Inc.
DS30561C-page 1
Devices Included in this Data Sheet:
• PIC12C671
• PIC12C672
•PIC12CE673
•PIC12CE674
High-Performance RISC CPU:
• Only 35 single word instructions to learn
• All instructions are single cycle (400 ns) except for
program branches which are two-cycle
• Operating speed: DC - 10 MHz clock input
DC - 400 ns instruction cycle
• 14-bit wide instructions
• 8-bit wide data path
• Interrupt capability
• Special function hardware registers
• 8-level deep hardware stack
• Direct, indirect and relative addressing modes for
data and instructions
Peripheral Features:
• Four-channel, 8-bit A/D converter
• 8-bit real time clock/counter (TMR0) with 8-bit
programmable prescaler
• 1,000,000 erase/write cycle EEPROM data
memory
• EEPROM data retention > 40 years
Note:
Throughout this data sheet PIC12C67X
refers to the PIC12C671, PIC12C672,
PIC12CE673 and PIC12CE674.
PIC12CE67X refers to PIC12CE673 and
PIC12CE674.
Device
Memory
Program
Data
RAM
Data
EEPROM
PIC12C671
1024 x 14
128 x 8
—
PIC12C672
2048 x 14
128 x 8
—
PIC12CE673
1024 x 14
128 x 8
16 x 8
PIC12CE674
2048 x 14
128 x 8
16 x 8
Pin Diagrams:
Special Microcontroller Features:
• In-Circuit Serial Programming (ICSP™)
• Internal 4 MHz oscillator with programmable calibration
• Selectable clockout
• Power-on Reset (POR)
• Power-up Timer (PWRT) and Oscillator Start-up
Timer (OST)
• Watchdog Timer (WDT) with its own on-chip RC
oscillator for reliable operation
• Programmable code protection
• Power saving SLEEP mode
• Interrupt-on-pin change (GP0, GP1, GP3)
• Internal pull-ups on I/O pins (GP0, GP1, GP3)
• Internal pull-up on MCLR pin
• Selectable oscillator options:
- INTRC: Precision internal 4 MHz oscillator
- EXTRC: External low-cost RC oscillator
- XT:
Standard crystal/resonator
- HS:
High speed crystal/resonator
- LP:
Power saving, low frequency crystal
CMOS Technology:
• Low-power, high-speed CMOS EPROM/EEPROM
technology
• Fully static design
• Wide operating voltage range 2.5V to 5.5V
• Commercial, Industrial and Extended
temperature ranges
• Low power consumption
< 2 mA @ 5V, 4 MHz
15
A typical @ 3V, 32 kHz
< 1
A typical standby current
PDIP, SOIC, Windowed CERDIP
8
7
6
5
1
2
3
4
VSS
GP0/AN0
GP1/AN1/VREF
GP2/T0CKI/AN2/
INT
PDIP, Windowed CERDIP
8
7
6
5
1
2
3
4
VSS
GP0/AN0
GP1/AN1/VREF
GP2/T0CKI/AN2/
INT
VDD
GP5/OSC1/CLKIN
GP4/OSC2/AN3/
CLKOUT
GP3/MCLR/VPP
VDD
GP5/OSC1/CLKIN
GP4/OSC2/AN3/
CLKOUT
GP3/MCLR/VPP
8-Pin, 8-Bit CMOS Microcontroller with A/D Converter
and EEPROM Data Memory
PIC12C67X


Similar Part No. - PIC12CE673

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12CE673 MICROCHIP-PIC12CE673 Datasheet
671Kb / 116P
8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
1998
PIC12CE673 MICROCHIP-PIC12CE673 Datasheet
1Mb / 129P
8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
1999 - 2002
PIC12CE673-04/JM MICROCHIP-PIC12CE673-04/JM Datasheet
1Mb / 129P
8-Pin, 8-Bit CMOS Microcontroller with A/D Converter
1999 - 2002
PIC12CE673-04/JW MICROCHIP-PIC12CE673-04/JW Datasheet
671Kb / 116P
8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
1998
PIC12CE673-04/P MICROCHIP-PIC12CE673-04/P Datasheet
671Kb / 116P
8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
1998
More results

Similar Description - PIC12CE673

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8CBE9 NSC-COP8CBE9 Datasheet
921Kb / 75P
8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, 10-Bit A/D and Brownout Reset
COP8CBR9 NSC-COP8CBR9 Datasheet
1Mb / 84P
8-Bit CMOS Flash Microcontroller with 32k Memory, Virtual EEPROM, 10-Bit A/D and Brownout
logo
Microchip Technology
PIC16CE62X MICROCHIP-PIC16CE62X Datasheet
2Mb / 108P
OTP 8-Bit CMOS MCU with EEPROM Data Memory
1998
PIC12CE67X MICROCHIP-PIC12CE67X Datasheet
671Kb / 116P
8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
1998
PIC12C671 MICROCHIP-PIC12C671 Datasheet
1Mb / 129P
8-Pin, 8-Bit CMOS Microcontroller with A/D Converter
1999 - 2002
logo
National Semiconductor ...
COP8CFE9 NSC-COP8CFE9 Datasheet
771Kb / 63P
8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, and 10-Bit A/D
logo
Microchip Technology
PIC12CE518 MICROCHIP-PIC12CE518 Datasheet
1Mb / 88P
8-Pin, 8-Bit CMOS Microcontroller with EEPROM Data Memory
1997
PIC12C67X MICROCHIP-PIC12C67X Datasheet
1Mb / 129P
8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
1999 - 2002
PIC16CE62X MICROCHIP-PIC16CE62X_13 Datasheet
1Mb / 114P
OTP 8-Bit CMOS MCU with EEPROM Data Memory
11/29/12 1998-2013
logo
Texas Instruments
COP8CCE9 TI1-COP8CCE9_15 Datasheet
1Mb / 101P
8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com