Electronic Components Datasheet Search
  English  ▼

X  

PIC16C57C Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC16C57C
Description  EPROM/ROM-Based 8-bit CMOS Microcontroller Series
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C57C Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC16C57C Datasheet HTML 17Page - Microchip Technology PIC16C57C Datasheet HTML 18Page - Microchip Technology PIC16C57C Datasheet HTML 19Page - Microchip Technology PIC16C57C Datasheet HTML 20Page - Microchip Technology PIC16C57C Datasheet HTML 21Page - Microchip Technology PIC16C57C Datasheet HTML 22Page - Microchip Technology PIC16C57C Datasheet HTML 23Page - Microchip Technology PIC16C57C Datasheet HTML 24Page - Microchip Technology PIC16C57C Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 192 page
background image
 1997-2013 Microchip Technology Inc.
Preliminary
DS30453E-page 21
PIC16C5X
5.1
Power-On Reset (POR)
The PIC16C5X family incorporates on-chip Power-On
Reset (POR) circuitry which provides an internal chip
RESET for most power-up situations. To use this fea-
ture, the user merely ties the MCLR/VPP pin to VDD. A
simplified block diagram of the on-chip Power-On
Reset circuit is shown in Figure 5-1.
The Power-On Reset circuit and the Device Reset
Timer (Section 5.2) circuit are closely related. On
power-up, the RESET latch is set and the DRT is
RESET. The DRT timer begins counting once it detects
MCLR to be high. After the time-out period, which is
typically 18 ms, it will RESET the reset latch and thus
end the on-chip RESET signal.
A power-up example where MCLR is not tied to VDD is
shown in Figure 5-3. VDD is allowed to rise and stabilize
before bringing MCLR high. The chip will actually come
out of reset TDRT msec after MCLR goes high.
In Figure 5-4, the on-chip Power-On Reset feature is
being used (MCLR and VDD are tied together). The VDD
is stable before the start-up timer times out and there is
no problem in getting a proper RESET. However,
Figure 5-5 depicts a problem situation where VDD rises
too slowly. The time between when the DRT senses a
high on the MCLR/VPP pin, and when the MCLR/VPP
pin (and VDD) actually reach their full value, is too long.
In this situation, when the start-up timer times out, VDD
has not reached the VDD (min) value and the chip is,
therefore, not guaranteed to function correctly. For
such situations, we recommend that external RC cir-
cuits be used to achieve longer POR delay times
(Figure 5-2).
For more information on PIC16C5X POR, see Power-
Up Considerations - AN522 in the Embedded Control
Handbook.
The POR circuit does not produce an internal RESET
when VDD declines.
FIGURE 5-2:
EXTERNAL POWER-ON
RESET CIRCUIT (FOR
SLOW VDD POWER-UP)
Note:
When the device starts normal operation
(exits the RESET condition), device oper-
ating parameters (voltage, frequency, tem-
perature, etc.) must be met to ensure
operation. If these conditions are not met,
the device must be held in RESET until the
operating conditions are met.
C
R1
R
D
MCLR
PIC16C5X
VDD
VDD
• External Power-On Reset circuit is required
only if VDD power-up is too slow. The diode D
helps discharge the capacitor quickly when
VDD powers down.
•R < 40 k
 is recommended to make sure that
voltage drop across R does not violate the
device electrical specification.
•R1 = 100
 to 1 k will limit any current flow-
ing into MCLR from external capacitor C in the
event of MCLR pin breakdown due to Electro-
static Discharge (ESD) or Electrical Over-
stress (EOS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com