| Electronic Components Datasheet Search |
|
PIC16C57C Datasheet(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16C57C Datasheet(HTML) 13 Page - Microchip Technology |
|
13 / 192 page ![]() 1997-2013 Microchip Technology Inc. Preliminary DS30453E-page 13 PIC16C5X 3.1 Clocking Scheme/Instruction Cycle The clock input (OSC1/CLKIN pin) is internally divided by four to generate four non-overlapping quadrature clocks, namely Q1, Q2, Q3 and Q4. Internally, the pro- gram counter is incremented every Q1 and the instruc- tion is fetched from program memory and latched into the instruction register in Q4. It is decoded and exe- cuted during the following Q1 through Q4. The clocks and instruction execution flow are shown in Figure 3-2 and Example 3-1. 3.2 Instruction Flow/Pipelining An Instruction Cycle consists of four Q cycles (Q1, Q2, Q3 and Q4). The instruction fetch and execute are pipelined such that fetch takes one instruction cycle, while decode and execute takes another instruction cycle. However, due to the pipelining, each instruction effectively executes in one cycle. If an instruction causes the program counter to change (e.g., GOTO), then two cycles are required to complete the instruction (Example 3-1). A fetch cycle begins with the program counter (PC) incrementing in Q1. In the execution cycle, the fetched instruction is latched into the Instruction Register in cycle Q1. This instruc- tion is then decoded and executed during the Q2, Q3 and Q4 cycles. Data memory is read during Q2 (oper- and read) and written during Q4 (destination write). FIGURE 3-2: CLOCK/INSTRUCTION CYCLE EXAMPLE 3-1: INSTRUCTION PIPELINE FLOW Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 OSC1 Q1 Q2 Q3 Q4 PC OSC2/CLKOUT (RC mode) PC PC+1 PC+2 Fetch INST (PC) Execute INST (PC-1) Fetch INST (PC+1) Execute INST (PC) Fetch INST (PC+2) Execute INST (PC+1) Internal phase clock All instructions are single cycle, except for any program branches. These take two cycles since the fetch instruction is “flushed” from the pipeline, while the new instruction is being fetched and then executed. 1. MOVLW H'55' Fetch 1 Execute 1 2. MOVWF PORTB Fetch 2 Execute 2 3. CALL SUB_1 Fetch 3 Execute 3 4. BSF PORTA, BIT3 Fetch 4 Flush Fetch SUB_1 Execute SUB_1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |