Electronic Components Datasheet Search
  English  ▼

X  

M39006 Datasheet(PDF) 6 Page - AVX Corporation

Part # M39006
Description  MIL-PRF-39006 Series Military Conventional Wet Tantalum
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

M39006 Datasheet(HTML) 6 Page - AVX Corporation

Back Button M39006 Datasheet HTML 2Page - AVX Corporation M39006 Datasheet HTML 3Page - AVX Corporation M39006 Datasheet HTML 4Page - AVX Corporation M39006 Datasheet HTML 5Page - AVX Corporation M39006 Datasheet HTML 6Page - AVX Corporation M39006 Datasheet HTML 7Page - AVX Corporation M39006 Datasheet HTML 8Page - AVX Corporation M39006 Datasheet HTML 9Page - AVX Corporation M39006 Datasheet HTML 10Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MIL-PRF-39006 Series
Military Conventional Wet Tantalum
M39006 /25 RATINGS AND DASH NUMBER REFERENCE
M39006/25
Cap
DC Rated
DC Leakage (uA)
ESR
Impedance
Maximum Capacitance
AC Ripple
“M” Level
Tolerance ±
(uF)
Voltage
DF
max
max
Change (%)
(mA rms)
Case
Reliability
(%)
25°C
(V)
+85ºC
max
(Ohms)
(Ohms)
85ºC
Size
Dash
at
at
+25ºC
&
(%)
at
-55ºC at
-55ºC
+85ºC
+125ºC
at
Standard
Numbers
120Hz
85ºC
125ºC
120Hz
120Hz
40kHz
-0033
20
68
25
2
9
22
4.29
90
-40
12
15
850
T1
-0034
10
-0035
20
270
25
3
16
55
2.7
33
-62
13
16
1400
T2
-0036
10
-0037
20
560
25
7
28
76
1.8
24
-72
20
25
1750
T3
-0038
10
-0039
20
680
25
8
32
63
1.23
19
-72
25
30
2100
T4
-0040
10
-0041
20
56
30
2
9
22
5.21
100
-38
12
15
800
T1
-0042
10
-0043
20
220
30
3
16
42
2.53
36
-60
13
16
1200
T2
-0044
10
-0045
20
470
30
8
32
64
1.81
25
-65
20
25
1500
T3
-0046
10
-0047
20
560
30
9
36
55
1.3
20
-65
25
30
2000
T4
-0048
10
-0049
20
33
50
2
9
12.3
4.95
135
-29
10
12
700
T1
-0050
10
-0051
20
120
50
4
24
22.5
2.49
49
-42
12
15
1200
T2
-0052
10
-0053
20
270
50
8
32
37
1.82
29
-46
20
25
1450
T3
-0054
10
-0055
20
330
50
9
36
38
1.53
22
-46
25
30
1900
T4
-0056
10
-0057
20
27
60
3
12
10.2
5.01
144
-24
10
12
700
T1
-0058
10
-0059
20
100
60
4
20
19
2.52
54
-36
12
15
1100
T2
-0060
10
-0061
20
220
60
8
32
30
1.81
29
-40
16
20
1400
T3
-0062
10
-0063
20
270
60
9
36
27
1.33
23
-45
20
25
1850
T4
-0064
10
-0065
20
22
75
3
12
8.5
5.13
157
-19
10
12
600
T1
-0066
10
-0067
20
82
75
4
24
15.2
2.46
63
-30
12
15
1000
T2
-0068
10
-0069
20
180
75
9
36
24.4
2.23
30
-35
16
20
1300
T3
-0070
10
-0071
20
220
75
10
40
37
1.8
24
-40
20
25
1800
T4
-0072
10
-0073
20
10
100
3
12
4.5
5.97
200
-17
10
12
800
T1
-0074
10
-0075
20
39
100
5
24
10.4
3.54
80
-20
12
15
1300
T2
-0076
10
-0077
20
68
100
10
40
11.3
2.21
40
-30
14
16
1600
T3
-0078
10
-0079
20
120
100
12
48
25
2.76
30
-35
15
17
2000
T4
-0080
10
All technical data relates to an ambient temperature of +25ºC. Capacitance and DF are measured at 120Hz, 0.5RMS with DC bias of 2.2V.
DCL is measured at rated voltage after 5 minutes.
MARCH 2013
■ 67



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com