Electronic Components Datasheet Search
  English  ▼

X  

SM91 Datasheet(PDF) 2 Page - AVX Corporation

Part # SM91
Description  SMPS Stacked MLC Capacitors (SM9 Style) Technical Information on SMPS Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SM91 Datasheet(HTML) 2 Page - AVX Corporation

  SM91 Datasheet HTML 1Page - AVX Corporation SM91 Datasheet HTML 2Page - AVX Corporation SM91 Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
27
SMPS Stacked MLC Capacitors
Encapsulated in DAP (Diallyl Phthalate) Case
(SM9 Style)
D
E
Maximum Height
(see table)
0.381 (0.015)
±0.127 (0.005)
6.35 (0.250) (MIN.)
0.254 (0.010) TYP.
C
0.508 (0.020) TYP.
2.54 (0.100)
CENTERS TYP.
4.445 (0.175) MAX
1.016 (0.040) MIN
E
0.381 (0.015)
±0.127 (0.005)
Maximum Height
(see table)
4.445 (0.175) MAX
1.016 (0.040) MIN
2.54 (0.100)
CENTERS TYP.
0.508 (0.020)TYP.
C
1.905 (0.075)
±0.635 (0.025) TYP.
D
0.254 (0.010)
RAD. TYP.
1.778 (0.070)
±0.254 (0.010)
0.254 (0.010)
TYP.
C
D
E
No. of Leads
Case Code
±0.635 (0.025)
±0.254 (0.010)
+0.000 (0.000) -0.254 (0.010)
per side*
SM91
11.4 (0.450)
54.7 (2.155)
14.7 (0.580)
20
SM92
20.3 (0.800)
41.0 (1.615)
24.1 (0.950)
15
SM93
11.4 (0.450)
29.3 (1.155)
14.7 (0.580)
10
SM94
10.2 (0.400)
12.3 (0.485)
12.3 (0.485)
4
SM95
6.35 (0.250)
9.02 (0.355)
9.02 (0.355)
3
SM96
31.8 (1.250)
54.7 (2.155)
36.3 (1.430)
20
*Leads styles N, J or L available
DIMENSIONS
millimeters (inches)
“N” STYLE LEADS
“L” STYLE LEADS
E
0.381 (0.015)
±0.127 (0.005)
Maximum Height
(see table)
4.445 (0.175) MAX
1.016 (0.040) MIN
2.54 (0.100)
CENTERS TYP.
0.508 (0.020) TYP.
C
1.905 (0.075)
±0.635 (0.025) TYP.
D
0.254 (0.010)
RAD. TYP.
1.778 (0.070)
±0.254 (0.010)
0.254 (0.010)
TYP.
“J” STYLE LEADS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com