Electronic Components Datasheet Search
  English  ▼

X  

SM91 Datasheet(PDF) 1 Page - AVX Corporation

Part # SM91
Description  SMPS Stacked MLC Capacitors (SM9 Style) Technical Information on SMPS Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SM91 Datasheet(HTML) 1 Page - AVX Corporation

  SM91 Datasheet HTML 1Page - AVX Corporation SM91 Datasheet HTML 2Page - AVX Corporation SM91 Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
26
SMPS Stacked MLC Capacitors
(SM9 Style) Technical Information on SMPS Capacitors
Temperature Coefficient
C0G: A Temperature Coefficient - 0 ±30 ppm/°C, -55° to +125°C
X7R: C Temperature Coefficient - ±15%, -55° to +125°C
Z5U: E Temperature Coefficient - +22, -56%, +10° to +85°C
Capacitance Test (MIL-STD-202 Method 305)
C0G: 25°C, 1.0±0.2 Vrms (open circuit voltage) at 1KHz
X7R: 25°C, 1.0±0.2 Vrms (open circuit voltage) at 1KHz
Z5U: 25°C, 0.5 Vrms max (open circuit voltage) at 1KHz
Dissipation Factor 25°C
C0G: 0.15% Max @ 25°C, 1.0±0.2 Vrms (open circuit voltage) at 1KHz
X7R: 2.5% Max @ 25°C, 1.0±0.2 Vrms (open circuit voltage) at 1KHz
Z5U: 3.0% Max @ 25°C, 0.5 Vrms max (open circuit voltage) at 1KHz
Insulation Resistance 25°C (MIL-STD-202 Method 302)
C0G and X7R: 100K MΩ or 1000 MΩ-μF, whichever is less.
Z5U: 10K MΩ or 1000 MΩ-μF, whichever is less.
Insulation Resistance 125°C (MIL-STD-202 Method 302)
C0G and X7R: 10K MΩ or 100 MΩ-μF, whichever is less.
Z5U: 1K MΩ or 100 MΩ-μF, whichever is less.
Dielectric Withstanding Voltage 25°C (Flash Test)
C0G and X7R: 250% rated voltage for 5 seconds with 50 mA max
charging current. (500 Volt units @ 750 VDC)
Z5U: 200% rated voltage for 5 seconds with 50 mA max charging
current.
Life Test (1000 hrs)
C0G and X7R: 200% rated voltage at +125°C. (500 Volt units @
600 VDC)
Z5U: 150% rated voltage at +85°C
Moisture Resistance (MIL-STD-202 Method 106)
C0G, X7R, Z5U: Ten cycles with no voltage applied.
Thermal Shock (MIL-STD-202 Method 107, Condition A)
Immersion Cycling (MIL-STD-202 Method 104, Condition B)
Resistance To Solder Heat (MIL-STD-202, Method 210,
Condition B, for 20 seconds)
ELECTRICAL SPECIFICATIONS
SM9
1
7
C
106
M
A
N
660
HOW TO ORDER
AVX Styles: SM91, SM92, SM93, SM94, SM95, SM96
AVX Style
Size
Voltage
Temperature
Capacitance
Capacitance
Test
Termination
Height
Size
See
50V = 5
Coefficient
Code
Tolerance
Level
N = Straight Lead
See table
SM9 = Plastic
dimen-
100V = 1
C0G = A
(2 significant
C0G:
J = ±5%
A = Standard
J = Leads formed
on
Case
sions
200V = 2
X7R = C
digits + no.
K = ±10%
B = Hi-Rel*
in
page 28 for
chart
500V = 7
Z5U = E
of zeros)
M = ±20%
L = Leads formed
max cap.
10 pF = 100
X7R: K = ±10%
out
per
100 pF = 101
M = ±20%
height
1,000 pF = 102
Z = +80, -20%
22,000 pF = 223
Z5U: Z = +80, -20%
220,000 pF = 224
P = GMV (+100, -0%)
1 μF = 105
10 μF = 106
100 μF = 107
Note: Capacitors with X7R and Z5U dielectrics are not intended for applications
across AC supply mains or AC line filtering with polarity reversal. Contact plant
for recommendations.
*Hi-Rel screening for C0G and X7R only. Screening consists of 100% Group A
(B Level), Subgroup 1 per MIL-PRF-49470.
Typical ESR Performance (mΩ)
Aluminum
Low ESR
Solid Aluminum
MLCC
MLCC
Electrolytic
Solid Tantalum
Electrolytic
SMPS
SMPS
100μF/50V
100μF/10V
100μF/16V
100μF/50V
4.7μF/50V
ESR @ 10KHz
300
72
29
3
66
ESR @ 50KHz
285
67
22
2
23
ESR @ 100KHz
280
62
20
2.5
15
ESR @ 500KHz
265
56
18
4
8
ESR @ 1MHz
265
56
17
7
7.5
ESR @ 5MHz
335
72
17
12.5
8
ESR @ 10MHz
560
91
22
20
14


Similar Part No. - SM91

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SM91 MIC-SM91 Datasheet
67Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
IDEAL-TEK SA
SM91 SM IDEAL-TEK-SM91 SM Datasheet
1Mb / 5P
Scalpels and Blades
logo
Nippon Precision Circui...
SM9103M NPC-SM9103M Datasheet
92Kb / 14P
DVDRAM Head Amplifier LSI
logo
Bourns Electronic Solut...
SM91047EL BOURNS-SM91047EL Datasheet
439Kb / 2P
Flyback Transformer
SM91071AL BOURNS-SM91071AL Datasheet
487Kb / 4P
10/100 Base-T Transformer
More results

Similar Description - SM91

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
RM017A100JAN120 AVX-RM017A100JAN120 Datasheet
652Kb / 3P
RoHS Compliant SMPS Stacked MLC Capacitors
RH21 AVX-RH21 Datasheet
66Kb / 2P
SMPS Capacitors (RH Style)
SM055C105KAN120 AVX-SM055C105KAN120 Datasheet
182Kb / 18P
Technical Information on SMPS Capacitors
RMM AVX-RMM Datasheet
104Kb / 2P
RoHS Compliant SMPS Stacked MLC Capacitors (RMM Style) Extended Range
SMM4 AVX-SMM4 Datasheet
90Kb / 2P
SMPS Stacked MLC Capacitors (SMM Style) Extended Range
SM01 AVX-SM01 Datasheet
186Kb / 18P
SMPS Stacked MLC Capacitors (SM Style) Technical Information on SMPS Capacitors
SMX AVX-SMX Datasheet
163Kb / 4P
SMPS Stacked MLC Capacitors SMX Style for High Temperature Applications up to 200쨘C
SE013C125MAA AVX-SE013C125MAA Datasheet
76Kb / 2P
SMPS Capacitors (SE Style)
SV14AA103KAR AVX-SV14AA103KAR Datasheet
251Kb / 4P
High Voltage MLC Radials (SV Style) Application Information on High Voltage MLC Capacitors
T49470R01105KCJ AVX-T49470R01105KCJ Datasheet
186Kb / 18P
SMPS Stacked MLC Capacitors (SM Style) Technical Information on SMPS Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com