Electronic Components Datasheet Search
  English  ▼

X  

SMX Datasheet(PDF) 4 Page - AVX Corporation

Part # SMX
Description  SMPS Stacked MLC Capacitors SMX Style for High Temperature Applications up to 200쨘C
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SMX Datasheet(HTML) 4 Page - AVX Corporation

  SMX Datasheet HTML 1Page - AVX Corporation SMX Datasheet HTML 2Page - AVX Corporation SMX Datasheet HTML 3Page - AVX Corporation SMX Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
35
SMPS Stacked MLC Capacitors
SMX Style for High Temperature Applications up to 200ºC
Max Capacitance (μF) Available Versus Style with Height (A) of 0.120" - 3.05mm
AVX
SMX1 _ _ _ _ _ _ AN120
SMX2 _ _ _ _ _ _ AN120
SMX3 _ _ _ _ _ _ AN120
SMX4 _ _ _ _ _ _ AN120
SMX5 _ _ _ _ _ _ AN120
SMX6 _ _ _ _ _ _ AN120
STYLE
25V 50V 100V 200V 500V
25V
50V 100V 200V 500V 25V
50V 100V 200V 500V 25V
50V 100V 200V 500V 25V
50V 100V 200V 500V 25V
50V 100V 200V 500V
C0G
1.0
.70
.40
.18 .068
1.2
1.0
.60
.26
.10
.50
.40
.20
.09
.033 .16
.13
.07
.02
.01
.05
.04
.02
.01 .0039 3.2
2.4
1.3
.50
.20
X7R/X9U
22
12
7.0
2.6
1.0
33
18
11
4.0
1.5
11
6.0
3.6
1.3
.50
3.3
1.8
1.1
.40
.15
1.2
.68
.40
.16 .056
68
40
24
9.4
3.3
AVX
SMX1 _ _ _ _ _ _ AN650
SMX2 _ _ _ _ _ _ AN650
SMX3 _ _ _ _ _ _ AN650
SMX4 _ _ _ _ _ _ AN650
SMX5 _ _ _ _ _ _ AN650
SMX6 _ _ _ _ _ _ AN650
STYLE
25V 50V 100V 200V 500V
25V
50V 100V 200V 500V 25V
50V 100V 200V 500V 25V
50V 100V 200V 500V 25V
50V 100V 200V 500V 25V
50V 100V 200V 500V
C0G
5.0
3.5
2.0
.90
.34
6.0
5.0
3.0
1.3
.50
2.5
2.0
1.0
.45
.160 .82
.65
.35
.12
.05
.25
.20
.12
.05 .019
16
12
6.5
2.5
1.0
X7R/X9U 110
60
35
13
5.0
160
90
55
20
7.5
56
30
18
6.5
2.5
16
9.0
5.5
2.0
.80
6.0
3.4
2.0
.80
.28
340 200
120
47
16
AVX
SMX1 _ _ _ _ _ _ AN480
SMX2 _ _ _ _ _ _ AN480
SMX3 _ _ _ _ _ _ AN480
SMX4 _ _ _ _ _ _ AN480
SMX5 _ _ _ _ _ _ AN480
SMX6 _ _ _ _ _ _ AN480
STYLE
25V 50V 100V 200V 500V
25V
50V 100V 200V 500V 25V
50V 100V 200V 500V 25V
50V 100V 200V 500V 25V
50V 100V 200V 500V 25V
50V 100V 200V 500V
C0G
4.0
2.8
1.6
.72
.27
4.8
4.0
2.2
1.0
.40
2.0
1.6
.80
.36
.130 .64
.52
.28
.10
.04
.20
.16
.10
.04 .015
13
9.6
5.2
2.0
.80
X7R/X9U
88
48
28
10
4.0
130
72
44
16
6.0
44
24
14
5.2
2.0
13
7.2
4.4
1.6
.60
4.8
2.7
1.6
.64
.22
270 160
96
37
13
AVX
SMX1 _ _ _ _ _ _ AN360
SMX2 _ _ _ _ _ _ AN360
SMX3 _ _ _ _ _ _ AN360
SMX4 _ _ _ _ _ _ AN360
SMX5 _ _ _ _ _ _ AN360
SMX6 _ _ _ _ _ _ AN360
STYLE
25V 50V 100V 200V 500V
25V
50V 100V 200V 500V 25V
50V 100V 200V 500V 25V
50V 100V 200V 500V 25V
50V 100V 200V 500V 25V
50V 100V 200V 500V
C0G
3.0
2.1
1.2
.54
.22
3.6
3.0
1.8
.78
.30
1.5
1.2
.60
.27
.10
.48
.39
.21
.07
.03
.15
.12
.07
.03 .011
10
7.2
3.9
1.5
.60
X7R/X9U
68
36
21
7.8
3.0
100
54
33
12
4.5
33
18
10
3.9
1.5
10
5.4
3.3
1.2
.47
3.6
2.0
1.2
.48 .160 200 120
72
28
10
AVX
SMX1 _ _ _ _ _ _ AN240
SMX2 _ _ _ _ _ _ AN240
SMX3 _ _ _ _ _ _ AN240
SMX4 _ _ _ _ _ _ AN240
SMX5 _ _ _ _ _ _ AN240
SMX6 _ _ _ _ _ _ AN240
STYLE
25V 50V 100V 200V 500V
25V
50V 100V 200V 500V 25V
50V 100V 200V 500V 25V
50V 100V 200V 500V 25V
50V 100V 200V 500V 25V
50V 100V 200V 500V
C0G
2.0
1.4
.80
.36
.13
2.4
2.0
1.2
.52
.20
1.0
.80
.40
.18
.068 .33
.26
.14
.05
.02
.10
.08
.05
.02 .0078 6.4
4.8
2.6
1.0
.40
X7R/X9U
44
24
14
5.2
2.0
66
36
22
8.0
3.0
22
12
7.2
2.6
1.0
6.6
3.6
2.2
.80
.30
2.4
1.3
.80
.32 .110 130
80
48
18
6.6
Max Capacitance (μF) Available Versus Style with Height (A) of 0.240" - 6.10mm
Max Capacitance (μF) Available Versus Style with Height (A) of 0.360" - 9.14mm
Max Capacitance (μF) Available Versus Style with Height (A) of 0.480" - 12.2mm
Max Capacitance (μF) Available Versus Style with Height (A) of 0.650" - 16.5mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com