Electronic Components Datasheet Search
  English  ▼

X  

SMX Datasheet(PDF) 1 Page - AVX Corporation

Part # SMX
Description  SMPS Stacked MLC Capacitors SMX Style for High Temperature Applications up to 200쨘C
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SMX Datasheet(HTML) 1 Page - AVX Corporation

  SMX Datasheet HTML 1Page - AVX Corporation SMX Datasheet HTML 2Page - AVX Corporation SMX Datasheet HTML 3Page - AVX Corporation SMX Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
32
SMPS Stacked MLC Capacitors
SMX Style for High Temperature Applications up to 200ºC
SMX-style, stacked Switch Mode Power Supply Capacitors (SMPS) utilizing
Multilayer Ceramic (MLCC) construction are ideally suited for high temperature
applications up to 200ºC. This product is intended for downhole oil exploration,
including logging while drilling, geophysical probes, as well as space and aerospace
electronics. The high temperature solder utilized in the construction of SMX-style
parts assures reliable operation in harsh environments. The wide product offering
provides designers a solution for high capacitance value and high voltage capaci-
tors rated at 200ºC. The SMX-style capacitors are ideally suited for applications as
DC filters in high power, high frequency motor drives, high pulsed-current circuitry,
as well as low power electronics.
SMX-style, SMPS capacitors are characterized with excellent performance in
comparison to wet tantalum products. The main benefits of SMX-product over wet
tantalum capacitors include:
• Much lower ESR and lower losses
• Excellent capacitance retention with frequency
• Excellent high frequency performance
• Low DC leakage current
• Much higher current handling capabilities
Typical Extended Temperature TCC
Characterization of C0G, SMPS Capacitors
Test conditions: 1 Vrms, 1 kHz, 0 VDC bias
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
-75
-50
-25
0
25
50
75
100
125
150
175
200
Temperature (ºC)
Typical Extended Temperature IR Characterization of
C0G, SMPS Capacitors
10
100
1000
10000
120
130
140
150
160
170
180
190
200
Temperature (ºC)
Typical Extended Temperature IR Characterization of
X7R/X9U, SMPS Capacitors
Temperature (ºC)
1
10
100
1000
10000
120
130
140
150
160
170
180
190
200
Typical Extended Temperature TCC
Characterization of X7R/X9U, SMPS Capacitors
Test conditions: 1 Vrms, 1 kHz, 0 VDC bias
Temperature (ºC)
-100
-80
-60
-40
-20
0
20
-75
-50
-25
0
25
50
75
100
125
150
175
200


Similar Part No. - SMX

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SMX-1 INFINEON-SMX-1 Datasheet
113Kb / 4P
Microwave Motion Sensor
1999-04-01
logo
Vecow Co., Ltd.
SMX-100 VECOW-SMX-100 Datasheet
565Kb / 1P
4-port RS-232/422/485 Serial Mini PCIe Card
logo
SOVICO corp.
SMX-14 SOVICO-SMX-14 Datasheet
3Mb / 1P
STEREO 4BUS MIXER
SMX-16 SOVICO-SMX-16 Datasheet
3Mb / 1P
MIXING CONSOLE
logo
QUARTZCOM the communica...
SMX-1C-A QUARTZCOM-SMX-1C-A Datasheet
115Kb / 1P
Full ceramic SMD Crystal Reliable, low cost crystal
More results

Similar Description - SMX

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
RM017A100JAN120 AVX-RM017A100JAN120 Datasheet
652Kb / 3P
RoHS Compliant SMPS Stacked MLC Capacitors
1210GC102KAT1A AVX-1210GC102KAT1A Datasheet
98Kb / 2P
High Voltage MLC Chips For 600V to 5000V Applications
RMM AVX-RMM Datasheet
104Kb / 2P
RoHS Compliant SMPS Stacked MLC Capacitors (RMM Style) Extended Range
SMM4 AVX-SMM4 Datasheet
90Kb / 2P
SMPS Stacked MLC Capacitors (SMM Style) Extended Range
SM01 AVX-SM01 Datasheet
186Kb / 18P
SMPS Stacked MLC Capacitors (SM Style) Technical Information on SMPS Capacitors
SM91 AVX-SM91 Datasheet
80Kb / 3P
SMPS Stacked MLC Capacitors (SM9 Style) Technical Information on SMPS Capacitors
SXP AVX-SXP Datasheet
101Kb / 2P
SMPS Molded Radial MLC Capacitors SXP Style for High Temperature Applications up to 200쨘C
3640HC183KAT9A AVX-3640HC183KAT9A Datasheet
93Kb / 2P
High Voltage MLC Chips For 600V to 5000V Applications
SV14AA103KAR AVX-SV14AA103KAR Datasheet
251Kb / 4P
High Voltage MLC Radials (SV Style) Application Information on High Voltage MLC Capacitors
T49470R01105KCJ AVX-T49470R01105KCJ Datasheet
186Kb / 18P
SMPS Stacked MLC Capacitors (SM Style) Technical Information on SMPS Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com