Electronic Components Datasheet Search
  English  ▼

X  

FV08KM202 Datasheet(PDF) 3 Page - Microchip Technology

Part # FV08KM202
Description  General Purpose, 16-Bit Flash Microcontroller with XLP Technology Data Sheet
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

FV08KM202 Datasheet(HTML) 3 Page - Microchip Technology

  FV08KM202 Datasheet HTML 1Page - Microchip Technology FV08KM202 Datasheet HTML 2Page - Microchip Technology FV08KM202 Datasheet HTML 3Page - Microchip Technology FV08KM202 Datasheet HTML 4Page - Microchip Technology FV08KM202 Datasheet HTML 5Page - Microchip Technology FV08KM202 Datasheet HTML 6Page - Microchip Technology FV08KM202 Datasheet HTML 7Page - Microchip Technology FV08KM202 Datasheet HTML 8Page - Microchip Technology FV08KM202 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 336 page
background image
 2013 Microchip Technology Inc.
Advance Information
DS33030A-page 3
PIC24FV16KM204 FAMILY
Special Microcontroller Features
• Wide Operating Voltage Range Options:
- 1.8V to 3.6V (PIC24F devices)
- 2.0V to 5.0V (PIC24FV devices)
• Selectable Power Management modes:
- Idle: CPU shuts down, allowing for significant
power reduction
- Sleep: CPU and peripherals shut down for
substantial power reduction and fast wake-up
- Retention Sleep mode: PIC24FV devices can
enter Sleep mode, employing the
retention regulator, further reducing power
consumption
- Doze: CPU can run at a lower frequency than
peripherals, a user-programmable feature
- Alternate Clock modes allow on-the-fly
switching to a lower clock speed for selective
power reduction
• Fail-Safe Clock Monitor:
- Detects clock failure and switches to on-chip,
low-power RC oscillator
• Ultra Low-Power Wake-up Pin Provides an
External Trigger for Wake from Sleep
• 10,000 Erase/Write Cycle Endurance Flash
Program Memory, Typical
• 100,000 Erase/Write Cycle Endurance
Data EEPROM, Typical
• Flash and Data EEPROM Data Retention: 20 Years
Minimum
• Self-Programmable under Software Control
• Power-on Reset (POR), Power-up Timer (PWRT)
and Oscillator Start-up Timer (OST)
• Watchdog Timer (WDT) with its Own On-Chip
RC Oscillator for Reliable Operation
• On-Chip Regulator for 5V Operation
• Selectable Windowed WDT Feature
• Selectable Oscillator Options including:
- 4x Phase Locked Loop (PLL)
• 8 MHz (FRC) Internal RC Oscillator:
- HS/EC, high-speed crystal/resonator
oscillator or external clock
• In-Circuit Serial Programming™ (ICSP™) and
In-Circuit Emulation (ICE) – via Two Pins
• In-Circuit Debugging
• Programmable High/Low-Voltage
Detect (HLVD) module
• Programmable Brown-out Reset (BOR):
- Software enable feature
- Configurable shutdown in Sleep
- Auto-configures power mode and sensitivity
based on device operating speed
- LPBOR available for re-arming of the POR
High-Performance RISC CPU
• Modified Harvard Architecture
• Operating Speed:
- DC – 32 MHz clock input
- 16 MIPS at 32 MHz clock input
• 8 MHz Internal Oscillator:
- 4x PLL option
- Multiple clock divide options
- Fast start-up
• 17-Bit x 17-Bit Single-Cycle Hardware
Fractional/Integer Multiplier
• 32-Bit by 16-Bit Hardware Divider
• 16 x 16-Bit Working Register Array
• C Compiler Optimized Instruction Set Architecture
• 24-Bit-Wide Instructions
• 16-Bit-Wide Data Path
• Linear Program Memory Addressing, up to
6 Mbytes
• Linear Data Memory Addressing, up to 64 Kbytes
• Two Address Generation Units (AGUs) for Separate
Read and Write Addressing of Data Memory
Peripheral Features
• High-Current Sink/Source, 18 mA/18 mA All Ports
• Independent Ultra Low-Power, 32 kHz
Timer Oscillator
• Up to Two Master Synchronous Serial Ports
(MSSPs) with SPI and I2C™ modes:
In SPI mode:
- User-configurable SCKx and SDOx pin outputs
- Daisy-chaining of SPI slave devices
In I2C mode:
- Serial clock synchronization (clock stretching)
- Bus collision detection and will arbitrate
accordingly
- Support for 16-bit read/write interface
• Up to Two Enhanced Addressable UARTs:
- LIN/J2602 bus support (auto-wake-up,
Auto-Baud Detect, Break character support)
- High and low speed (SCI)
-IrDA® mode (hardware encoder/decoder
function)
• Two External Interrupt Pins
• Hardware Real-Time Clock and Calendar (RTCC)
• Configurable Reference Clock Output (REFO)
• Two Configurable Logic Cells (CLC)
• Up to Two Single Output Capture/Compare/PWM
(SCCP) modules and up to Three Multiple Output
Capture/Compare/PWM (MCCP) modules



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com