Electronic Components Datasheet Search
  English  ▼

X  

FV08KM202 Datasheet(PDF) 49 Page - Microchip Technology

Part # FV08KM202
Description  General Purpose, 16-Bit Flash Microcontroller with XLP Technology Data Sheet
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

FV08KM202 Datasheet(HTML) 49 Page - Microchip Technology

Back Button FV08KM202 Datasheet HTML 45Page - Microchip Technology FV08KM202 Datasheet HTML 46Page - Microchip Technology FV08KM202 Datasheet HTML 47Page - Microchip Technology FV08KM202 Datasheet HTML 48Page - Microchip Technology FV08KM202 Datasheet HTML 49Page - Microchip Technology FV08KM202 Datasheet HTML 50Page - Microchip Technology FV08KM202 Datasheet HTML 51Page - Microchip Technology FV08KM202 Datasheet HTML 52Page - Microchip Technology FV08KM202 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 336 page
background image
TABLE 4-8:
MCCP1 REGISTER MAP
File Name
Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
CCP1CON1L
140h
CCPON
—
CCPSIDL CCPSLP TMRSYNC CLKSEL2 CLKSEL1 CLKSEL0 TMRPS1
TMRPS0
T32
CCSEL
MOD3
MOD2
MOD1
MOD0
0000
CCP1CON1H 142h
OPSSRC
RTRGEN
—
—
OPS3
OPS2
OPS1
OPS0
TRIGEN ONESHOT ALTSYNC
SYNC4
SYNC3
SYNC2
SYNC1
SYNC0
0000
CCP1CON2L
144h PWMRSEN
ASDGM
—
SSDG
—
—
—
—
ASDG7
ASDG6
ASDG5
ASDG4
ASDG3
ASDG2
ASDG1
ASDG0
0000
CCP1CON2H 146h
OENSYNC
—
OCFEN
OCEEN
OCDEN
OCCEN
OCBEN
OCAEN
ICGSM1
ICGSM0
—
AUXOUT1
AUXOUT0
ICS2
ICS1
ICS0
0100
CCP1CON3L
148h
—
—
—
—
—
—
—
—
—
DT5
DT4
DT3
DT2
DT1
DT0
0000
CCP1CON3H 14Ah
OETRIG
OSCNT2
OSCNT1 OSCNT0
—OUTM2
OUTM1
OUTM0
—
—
POLACE
POLBDF
PSSACE1 PSSACE0 PSSBDF1 PSSBDF0
0000
CCP1STATL
14Ch
—
—
—
—
—
—
—
—
CCPTRIG
TRSET
TRCLR
ASEVT
SCEVT
ICDIS
ICOV
ICBNE
0000
CCP1TMRL
150h
Time Base Register Low Word
0000
CCP1TMRH
152h
Time Base Register High Word
0000
CCP1PRL
154h
Time Base Period Register Low Word
FFFF
CCP1PRH
156h
Time Base Period Register High Word
FFFF
CCP1RAL
158h
Output Compare Data Word A
0000
CCP1RBL
15Ch
Output Compare Data Word B
0000
CCP1BUFL
160h
Input Capture Data Buffer Low Word
0000
CCP1BUFH
162h
Input Capture Data Buffer High Word
0000
Legend:
x = unknown, u = unchanged, — = unimplemented, q = value depends on condition, r = reserved. Bold indicates shared access SFRs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com