Electronic Components Datasheet Search
  English  ▼

X  

SST12LF09 Datasheet(PDF) 6 Page - Microchip Technology

Part # SST12LF09
Description  2.4 GHz High-Gain, High-Efficiency Front-end Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LF09 Datasheet(HTML) 6 Page - Microchip Technology

Back Button SST12LF09 Datasheet HTML 2Page - Microchip Technology SST12LF09 Datasheet HTML 3Page - Microchip Technology SST12LF09 Datasheet HTML 4Page - Microchip Technology SST12LF09 Datasheet HTML 5Page - Microchip Technology SST12LF09 Datasheet HTML 6Page - Microchip Technology SST12LF09 Datasheet HTML 7Page - Microchip Technology SST12LF09 Datasheet HTML 8Page - Microchip Technology SST12LF09 Datasheet HTML 9Page - Microchip Technology SST12LF09 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
SST12LF09
DS75083A-page 6
 2013 Microchip Technology Inc.
6.0
TYPICAL PERFORMANCE
CHARACTERISTICS
Transmitter
Test Conditions: VCC = 3.6V, PEN = 3.10V, LEN = 0V, CRX = 0V, CBT = 0V, TA = 25°C, unless
otherwise specified
FIGURE 6-1:
S-PARAMETERS
FIGURE 6-2:
TRANSMITTER EVM VERSUS OUTPUT POWER MEASURED USING 802.11G
WITH EQUALIZER TRAINING USING SEQUENCE ONLY
-50
-40
-30
-20
-10
0
10
20
30
0123456789
10
Frequency, GHz
S11
S21
S12
S21
75083 F6.0
75083 F1.1
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18 19 20 21
Output Power (dBm)
2412
2442
2472



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com