Electronic Components Datasheet Search
  English  ▼

X  

SST12LF09 Datasheet(PDF) 10 Page - Microchip Technology

Part # SST12LF09
Description  2.4 GHz High-Gain, High-Efficiency Front-end Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LF09 Datasheet(HTML) 10 Page - Microchip Technology

Back Button SST12LF09 Datasheet HTML 6Page - Microchip Technology SST12LF09 Datasheet HTML 7Page - Microchip Technology SST12LF09 Datasheet HTML 8Page - Microchip Technology SST12LF09 Datasheet HTML 9Page - Microchip Technology SST12LF09 Datasheet HTML 10Page - Microchip Technology SST12LF09 Datasheet HTML 11Page - Microchip Technology SST12LF09 Datasheet HTML 12Page - Microchip Technology SST12LF09 Datasheet HTML 13Page - Microchip Technology SST12LF09 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
SST12LF09
DS75083A-page 10
 2013 Microchip Technology Inc.
FIGURE 6-9:
TYPICAL SCHEMATIC
75083 Schematic 1.2
12LF09
VCC
BT
CRX
CBT
16
15
14
13
5
6
7
8
1
2
3
4
12
11
10
9
LEN
0.1µF
PEN
VDD
0.1µF
DET
NC
VCC
0.1µF
50
Ω
TX
50
Ω
RX
50
Ω
50
Ω
ANT
2.2µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com