Electronic Components Datasheet Search
  English  ▼

X  

TC913BCPA Datasheet(PDF) 7 Page - Microchip Technology

Part # TC913BCPA
Description  Dual Auto-Zeroed Operational Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC913BCPA Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC913BCPA Datasheet HTML 3Page - Microchip Technology TC913BCPA Datasheet HTML 4Page - Microchip Technology TC913BCPA Datasheet HTML 5Page - Microchip Technology TC913BCPA Datasheet HTML 6Page - Microchip Technology TC913BCPA Datasheet HTML 7Page - Microchip Technology TC913BCPA Datasheet HTML 8Page - Microchip Technology TC913BCPA Datasheet HTML 9Page - Microchip Technology TC913BCPA Datasheet HTML 10Page - Microchip Technology TC913BCPA Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
 2001-2012 Microchip Technology Inc.
DS21482D-page 7
TC913A/TC913B
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
Package marking data not available at this time.
5.2
Taping Form
Component Taping Orientation for 8-Pin SOIC (Narrow) Devices
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
8-Pin SOIC (N)
12 mm
8 mm
2500
13 in
Carrier Tape, Number of Components Per Reel and Reel Size
Standard Reel Component Orientation
for 713 Suffix Device
Pin 1
User Direction of Feed
P
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com