Electronic Components Datasheet Search
  English  ▼

X  

TC913BCPA Datasheet(PDF) 2 Page - Microchip Technology

Part # TC913BCPA
Description  Dual Auto-Zeroed Operational Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC913BCPA Datasheet(HTML) 2 Page - Microchip Technology

  TC913BCPA Datasheet HTML 1Page - Microchip Technology TC913BCPA Datasheet HTML 2Page - Microchip Technology TC913BCPA Datasheet HTML 3Page - Microchip Technology TC913BCPA Datasheet HTML 4Page - Microchip Technology TC913BCPA Datasheet HTML 5Page - Microchip Technology TC913BCPA Datasheet HTML 6Page - Microchip Technology TC913BCPA Datasheet HTML 7Page - Microchip Technology TC913BCPA Datasheet HTML 8Page - Microchip Technology TC913BCPA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TC913A/TC913B
DS21482D-page 2
 2001-2012 Microchip Technology Inc.
Functional Block Diagram
-
+
+
-
TC913
A
48
B
*
A
B
*NOTE: Internal capacitors. No external capacitors required.
Main Amplifier
Low-Impedance
Output Buffer
Internal
Oscillator
(fOSC 200 Hz)
+
–
-Input A
-Input B
1 of 2 Amplifier Shown
Output A
2
6
+Input A
+Input B
3
5
Output B
7
1
*
VDD
VSS
VOS Correction Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com