Electronic Components Datasheet Search
  English  ▼

X  

TC7116 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC7116
Description  3-1/2 Digit Analog-to-Digital Converters with Hold
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7116 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC7116_13 Datasheet HTML 2Page - Microchip Technology TC7116_13 Datasheet HTML 3Page - Microchip Technology TC7116_13 Datasheet HTML 4Page - Microchip Technology TC7116_13 Datasheet HTML 5Page - Microchip Technology TC7116_13 Datasheet HTML 6Page - Microchip Technology TC7116_13 Datasheet HTML 7Page - Microchip Technology TC7116_13 Datasheet HTML 8Page - Microchip Technology TC7116_13 Datasheet HTML 9Page - Microchip Technology TC7116_13 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
TC7116/A/TC7117/A
DS21457D-page 6
 2002-2012 Microchip Technology Inc.
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin Number
(40-Pin PDIP)
(40-Pin CERDIP)
Pin Number
(44-Pin PQFP)
Symbol
Description
1
8
HLDR
Hold pin, Logic 1 holds present display reading.
29
D1
Activates the D section of the units display.
310
C1
Activates the C section of the units display.
411
B1
Activates the B section of the units display.
512
A1
Activates the A section of the units display.
613
F1
Activates the F section of the units display.
714
G1
Activates the G section of the units display.
815
E1
Activates the E section of the units display.
916
D2
Activates the D section of the tens display.
10
17
C2
Activates the C section of the tens display.
11
18
B2
Activates the B section of the tens display.
12
19
A2
Activates the A section of the tens display.
13
20
F2
Activates the F section of the tens display.
14
21
E2
Activates the E section of the tens display.
15
22
D3
Activates the D section of the hundreds display.
16
23
B3
Activates the B section of the hundreds display.
17
24
F3
Activates the F section of the hundreds display.
18
25
E3
Activates the E section of the hundreds display.
19
26
AB4
Activates both halves of the 1 in the thousands display.
20
27
POL
Activates the negative polarity display.
21
28
BP/
GND
LCD backplane drive output (TC7116/TC7116A). Digital ground
(TC7117/TC7117A).
22
29
G3
Activates the G section of the hundreds display.
23
30
A3
Activates the A section of the hundreds display.
24
31
C3
Activates the C section of the hundreds display.
25
32
G2
Activates the G section of the tens display.
26
34
V-
Negative power supply voltage.
27
35
VINT
Integrator output. Connection point for integration capacitor.
See Section 4.3 “Integrating Capacitor”, Integrating Capacitor for more
details.
28
36
VBUFF
Integration resistor connection. Use a 47k
 resistor for a 200mV full scale range
and a 470k
 resistor for 2V full scale range.
29
37
CAZ
The size of the auto-zero capacitor influences system noise. Use a 0.47
F
capacitor for 200mV full scale, and a 0.047
F capacitor for 2V full scale.
See Section 4.1 “Auto-Zero Capacitor”, Auto-Zero Capacitor for more details.
30
38
VIN-
The analog LOW input is connected to this pin.
31
39
VIN+
The analog HIGH input signal is connected to this pin.
32
40
COMMON This pin is primarily used to set the Analog Common mode voltage for battery
operation, or in systems where the input signal is referenced to the power sup-
ply. It also acts as a reference voltage source. See Section 3.1.6 “Analog Com-
mon”, Analog Common for more details.
33
41
CREF-
See Pin 34.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com