Electronic Components Datasheet Search
  English  ▼

X  

TC7116 Datasheet(PDF) 16 Page - Microchip Technology

Part # TC7116
Description  3-1/2 Digit Analog-to-Digital Converters with Hold
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7116 Datasheet(HTML) 16 Page - Microchip Technology

Back Button TC7116_13 Datasheet HTML 12Page - Microchip Technology TC7116_13 Datasheet HTML 13Page - Microchip Technology TC7116_13 Datasheet HTML 14Page - Microchip Technology TC7116_13 Datasheet HTML 15Page - Microchip Technology TC7116_13 Datasheet HTML 16Page - Microchip Technology TC7116_13 Datasheet HTML 17Page - Microchip Technology TC7116_13 Datasheet HTML 18Page - Microchip Technology TC7116_13 Datasheet HTML 19Page - Microchip Technology TC7116_13 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
TC7116/A/TC7117/A
DS21457D-page 16
 2002-2012 Microchip Technology Inc.
FIGURE 6-5:
Circuit for Developing Under Range and Over Range Signals From TC7116/TC7117A
Outputs
FIGURE 6-6:
TC7117/TC7117A With A 1.2 External Bandgap Reference (V
IN- Tied to Common)
21
20
40
35
26
To Logic
GND
V-
To Logic VCC
V+
CD4077
U/R
O/R
CD4023
or 74C10
TC7116
TC7116A
O/R = Over Range
U/R = Under Range
100pF
0.47
μF
47k
Ω
To Display
0.1pF
1k
Ω
V+
Set VREF = 100mV
10k
Ω
10k
Ω
1.2V
0.01
μF
–
In
1M
Ω
+
100k
Ω
0.22
μF
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
TC7117
TC7117A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com